công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX1084 bảng dữ liệu(PDF) 2 Page - AXElite technology co. ltd

tên linh kiện AX1084
Giải thích chi tiết về linh kiện  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AXELITE [AXElite technology co. ltd]
Trang chủ  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1084 bảng dữ liệu(HTML) 2 Page - AXElite technology co. ltd

  AX1084 Datasheet HTML 1Page - AXElite technology co. ltd AX1084 Datasheet HTML 2Page - AXElite technology co. ltd AX1084 Datasheet HTML 3Page - AXElite technology co. ltd AX1084 Datasheet HTML 4Page - AXElite technology co. ltd AX1084 Datasheet HTML 5Page - AXElite technology co. ltd AX1084 Datasheet HTML 6Page - AXElite technology co. ltd AX1084 Datasheet HTML 7Page - AXElite technology co. ltd AX1084 Datasheet HTML 8Page - AXElite technology co. ltd AX1084 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2019
AX1084
PIN ASSIGNMENT
The packages of AX1084 are TO263-2L and TO252-3L; the pin assignment is given by:
3
2
1
Adj
(GND)
TO252-3L
Top View
3
2
1
VIN
VOUT
Adj
(GND)
TO263-2L
Top View
Metal
Tap
VOUT
Metal
Tap
VOUT
VIN
VOUT
Name
Pin No.
Description
TO263/252
Adj
(GND)
1
Adjustable (Ground only for fixed version)
A resistor divider from this pin to the VOUT pin and ground sets the
output voltage.
VOUT
2
The output of the regulator. A minimum of 100uF (0.15Ω ≤ ESR ≤
10Ω) capacitor must be connected from this pin to ground to insure
stability.
VIN
3
The input pin of regulator. Typically a large storage capacitor (0.15Ω
≤ ESR ≤ 10Ω) is connected from this pin to ground to insure that
the input voltage does not sag below the minimum dropout voltage
during the load transient response. This pin must always be 1.4V
higher than VOUT in order for the device to regulate properly.
ORDER/MARKING INFORMATION
Order Information
AX1084 X XX X
Package
Vout
D : TO252-3L
M : TO263-2L
Blank : Adj
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Packing
Blank : Tube
A : Taping
Top Marking
ADJ Version
Fixed Version
Y
AX1
Log
o
ID code : internal
WW : 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
Part number
Y W W X
0 8 4
:
45=2045
Y
AX1
Log
o
Output Voltage
ID code: internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
-
Part number
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Y W W X
V V
0 8 4
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com