| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422EB40U6 bảng dữ liệu(PDF) 128 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 bảng dữ liệu(HTML) 128 Page - STMicroelectronics |
|
128 / 293 page ![]() I2C interface uPSD34xx 128/293 Set I2C clock prescaler to determine fSCL – SFR S1CON.CR[2:0] = desired SCL freq. Set bus START condition sampling – SFR S1SETUP[7:0] = number of samples Enable individual I2C interrupt and set priority – SFR IEA.I2C = 1 – SFR IPA.I2C = 1 if high priority is desired Set the Device address for Slave mode – SFR S1ADR = XXh, desired address Enable SIOE (as Slave) to return an ACK signal – SFR S1CON.AA = 1 Master-Transmitter Disable all interrupts – SFR IE.EA = 0 Set pointer to global data xmit buffer, set count – *xmit_buf = *pointer to data – buf_length = number of bytes to xmit Set global variables to indicate Master-Xmitter – I2C_master = 1, I2C_xmitter = 1 Disable Master from returning an ACK – SFR S1CON.AA = 0 Enable I2C SIOE – SFR S1CON.INI1 = 1 Transmit Address and R/W bit = 0 to Slave – Is bus not busy? (SFR S1STA.BBUSY = 0?) <If busy, then test until not busy> – SFR S1DAT[7:0] = Load Slave Address & FEh – SFR S1CON.STA = 1, send START on bus <bus transmission begins> Enable All Interrupts and go do something else – SFR IE.EA = 1 Master-Receiver Disable all interrupts – SFR IE.EA = 0 Set pointer to global data recv buffer, set count – *recv_buf = *pointer to data – buf_length = number of bytes to recv |