công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX3902C bảng dữ liệu(PDF) 8 Page - AXElite technology co. ltd

tên linh kiện AX3902C
Giải thích chi tiết về linh kiện  18V 2A 500kHz Synchronous Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AXELITE [AXElite technology co. ltd]
Trang chủ  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3902C bảng dữ liệu(HTML) 8 Page - AXElite technology co. ltd

Back Button AX3902C Datasheet HTML 4Page - AXElite technology co. ltd AX3902C Datasheet HTML 5Page - AXElite technology co. ltd AX3902C Datasheet HTML 6Page - AXElite technology co. ltd AX3902C Datasheet HTML 7Page - AXElite technology co. ltd AX3902C Datasheet HTML 8Page - AXElite technology co. ltd AX3902C Datasheet HTML 9Page - AXElite technology co. ltd AX3902C Datasheet HTML 10Page - AXElite technology co. ltd AX3902C Datasheet HTML 11Page - AXElite technology co. ltd AX3902C Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AX3902
8/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.2 Nov.04, 2019
Output Capacitors Selection
An output capacitor is required to filter the output and supply the load transient current. The
high capacitor value and low ESR will reduce the output ripple and the load transient drop. In
typical switching regulator design, the ESR of the output capacitor bank dominates the transient
response. The number of output capacitors can be determined by the following equations:
△VESR = change in output voltage due to ESR
△IOUT = load transient.
ESRCAP = maximum ESR per capacitor (specified in manufacturer’s data sheet).
ESRMAX = maximum allowable ESR.
High frequency decoupling capacitors should be placed as close to the power pins of the
load as physically possible. For the decoupling requirements, please consult the capacitor
manufacturers for confirmation.
Output Voltage
The output voltage is set using the FB pin and a resistor divider connected to the output as
shown in AP Circuit below. The output voltage (VOUT) can be calculated according to the
voltage of the FB pin (VFB) and ratio of the feedback resistors by the following equation, where
(VFB) is 0.8V:
Thus the output voltage is:
Choose R1=40kΩ~200kΩ to ensure feedback loop noise immunity. It is optional to add a
feed-forward capacitor CFF=4.7~33pF in parallel with R1 to achieve better transient response
performance. The T-type network shown in below figure can also be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com