công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX3702C bảng dữ liệu(PDF) 10 Page - AXElite technology co. ltd

tên linh kiện AX3702C
Giải thích chi tiết về linh kiện  5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AXELITE [AXElite technology co. ltd]
Trang chủ  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702C bảng dữ liệu(HTML) 10 Page - AXElite technology co. ltd

Back Button AX3702C Datasheet HTML 6Page - AXElite technology co. ltd AX3702C Datasheet HTML 7Page - AXElite technology co. ltd AX3702C Datasheet HTML 8Page - AXElite technology co. ltd AX3702C Datasheet HTML 9Page - AXElite technology co. ltd AX3702C Datasheet HTML 10Page - AXElite technology co. ltd AX3702C Datasheet HTML 11Page - AXElite technology co. ltd AX3702C Datasheet HTML 12Page - AXElite technology co. ltd AX3702C Datasheet HTML 13Page - AXElite technology co. ltd AX3702C Datasheet HTML 14Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3703A
Enable
When input voltage is above the under voltage lock-out threshold, AX3703A can be enabled by
pulling the EN pin to above 1.21V. AX3703A is disabled if the EN pin is pulled below 1.1V. The
enable/disable threshold for EN pin is accurately designed to be 1.21V and 1.11V respectively, so
one can also use external resistor divider to program the desired input under-voltage lockout level.
Soft Start
AX3703A has built-in soft start of 1ms. During the soft start period, output voltage is ramped up
linearly to the regulation voltage, independent of the load current level and output capacitor value.
Light Load Operation
In light load condition where the converter operates in discontinuous mode, AX3703A cuts down
its quiescent current to as low as 15uA and achieves excellent light load efficiency.
Theory of Operation
AX3703A is a constant on-time control synchronous step-down converter that offers excellent
transient response over a wide range of input voltage. It achieves superior light-load efficiency with
extremely low quiescent current.
Constant On-time Control
Constant on-time control step-down converters turn on HS immediately when FB droops below
reference. The HS is turned on for a pre-determined period (on-time) of time to ramp up the
inductor current, and then the LS will be turned on to ramp down the inductor current. The cycle
repeats itself if FB droops below reference again. AX3703A uses proprietary technique to take into
account the load current impact and adjusts the on-time accordingly to achieve a constant
switching frequency over entire load current range.
For AX3703A, the on-time is approximately:
Due to its immediate response on FB voltage droop and simplified loop compensation, constant
on-time offers a superior transient response compare to traditional fixed frequency PWM control
step-down converters.
Current Limit and Hiccup Mode
AX3703A has cycle-by-cycle HS current limit protection to prevent inductor current from running
away. Once HS current limit is triggered, AX3703A will turn on LS and wait for the inductor to drop
down to a pre-determined level before the HS can be turned on again. If this current limit condition
is repeated for a sustained long period of time, AX3703A will consider it over-load or short circuit.
Either way, AX3703A will enter hiccup mode, where it stop switching for a pre-determined period
of time before automatically re-try to start up again. It always starts up with soft-start to limit inrush



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com