công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422EB40U6T bảng dữ liệu(PDF) 151 Page - STMicroelectronics

tên linh kiện UPSD3422EB40U6T
Giải thích chi tiết về linh kiện  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T bảng dữ liệu(HTML) 151 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 147Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 148Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 149Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 150Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 151Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 152Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 153Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 154Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 293 page
background image
uPSD34xx
USB interface
151/293
Figure 54.
FIFOs with no Pairing
●
Pairing FIFOs Example
Now assume that IN Endpoint1 and Endpoint2 FIFOs are paired for double buffering
and the same 1024 bytes of data are to be transferred to the host. As in the non-
pairing example, the CPU loads the IN Endpoint0 FIFO with 64 bytes of data. Instead
of having to wait for the SIE to transfer the 64 bytes of data to the host, the CPU can
write another 64 bytes of data to IN Endpoint0 FIFO. While the CPU is writing the
second packet of 64 bytes of data into the FIFO, the SIE is sending the first packet of
64 bytes of data to the host. After the CPU has written the second packet of 64 bytes to
the FIFO, it waits a shorter amount of time for the SIE to complete sending the first
packet of data since they were working concurrently. As soon as the first packet is sent
by the SIE, the second packet is immediately available to be sent by the SIE since the
FIFO was already loaded by the MCU. Also, after the first packet is sent by the SIE, the
alternate FIFO is available for the MCU to load the third packet of 64 bytes of data.
With double buffering, the MCU is able to always have a FIFO loaded and ready with
data to be sent by the SIE when the host sends an IN token maximizing the data
transfer rate.
8032
MCU
USB SFRs
Serial
Interface
Engine
CTRL
XDATA
S
F
R
B
u
s
AI10493
Endpoint4 IN FIFO
Endpoint3 IN FIFO
Endpoint2 IN FIFO
Endpoint1 IN FIFO
Endpoint0 IN FIFO
Endpoint0 OUT FIFO
Endpoint1 OUT FIFO
Endpoint2 OUT FIFO
Endpoint3 OUT FIFO
Endpoint4 OUT FIFO
FIFO
Interface
Logic
Endpoint4
Endpoint3
Endpoint2
Endpoint1
Endpoint0
Endpoint0
Endpoint1
Endpoint2
Endpoint3
Endpoint4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com