công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422EB40U6T bảng dữ liệu(PDF) 148 Page - STMicroelectronics

tên linh kiện UPSD3422EB40U6T
Giải thích chi tiết về linh kiện  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T bảng dữ liệu(HTML) 148 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 144Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 145Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 146Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 147Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 148Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 149Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 150Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 151Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 293 page
background image
USB interface
uPSD34xx
148/293
●
Control Transfers (see Figure 53)
Control transfers are used to configure and send commands to a device. Control
transfers consist of two or three stages:
–SETUP
This stage always consists of a data packet with eight bytes of USB CONTROL
data.
–
DATA stage (optional)
If the CONTROL data is such that the host is requesting information from the
device, the SETUP stage is followed by a DATA stage. In this case, the host sends
an IN token and the device responds with the requested data in the data packet.
–
STATUS stage
This stage is essentially a handshake informing the device of a successfully
completed control operation.
25.2.1
Enumeration
Enumeration is the process that takes place when a device is first connected to the USB.
During enumeration, the host requests information from the device about what it is, how
many endpoints it has, the power requirements, bus bandwidth requirements, and what
driver to load.
Once the enumeration process is complete, the device is available for use.
The enumeration process consists of a series of six steps as follows:
1.
When a device is first connected to the USB, its address is zero. Upon detecting a new
device connected to the USB, the host sends a Get_Descriptor request to address
zero, endpoint0.
2.
The device, upon receiving a Get_Descriptor request, sends data back to the host
identifying what it is.
3.
The host resets the device and then sends a Set_Address request. This is a unique
address that identifies it from all other devices connected to the USB. This address
remains in effect until the device is disconnected from the USB.
4.
The host sends more Get_Descriptor requests to the device to gather more detailed
information about it and then loads the specified driver.
5.
The host will setup and enable the endpoints defined by the device.
6.
The device is now configured and ready for use with the host communicating to the
device using the assigned address and endpoints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com