công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422EB40U6T bảng dữ liệu(PDF) 132 Page - STMicroelectronics

tên linh kiện UPSD3422EB40U6T
Giải thích chi tiết về linh kiện  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T bảng dữ liệu(HTML) 132 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 128Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 129Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 130Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 131Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 132Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 133Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 134Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 135Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 293 page
background image
I2C interface
uPSD34xx
132/293
Is this the next to last byte to receive from Slave?
If this is the next to last byte, do not allow Master to ACK
on next interrupt.
–
S1CON.AA = 0, don’t let Master return ACK
–
Exit ISR, now ready to recv last byte from Slv
If this is not next to last byte, let Master send ACK to
Slave
<S1CON.AA is already 1>
–
Exit ISR, ready to recv more bytes from Slave
Else If mode is Slave-Transmitter:
Is this Intr from SIOE detecting a STOP on bus?
If Yes, a STOP was detected:
–
S1DAT = dummy, write to release bus
–
Exit ISR, Master needs no more data bytes
If No, a STOP was not detected, continue:
ACK recvd from Master? (status.ACK_RESP=0?)
If No, an ACK was not received:
–
S1DAT = dummy, write to release bus
–
Exit ISR, Master needs no more data bytes
If Yes, ACK was received, then continue:
–
S1DAT = xmit_buf[buffer_index], transmit byte
–
Exit ISR, transmit next byte on next interrupt
Else If mode is Slave-Receiver:
Is this Intr from SIOE detecting a STOP on bus?
If Yes, a STOP was detected:
–
recv_buf[buffer_index] = S1DAT, get last byte
–
Exit ISR, Master has sent last byte
If No, a STOP was not detected, continue:
Determine if this Interrupt is from receiving an address or a data
byte from a Master.
Is (S1CON.ADDR = 1 and S1CON.AA =1)?
If No, intr is from receiving data, goto C:
If Yes, intr is from an address, continue:
–
slave_is_adressed = 1, local variable set true
<indicates Master selected this slave>
–
S1CON.ADDR = 0, clear address match flag
Determine if R/W bit indicates transmit or receive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com