công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422EB40U6T bảng dữ liệu(PDF) 128 Page - STMicroelectronics

tên linh kiện UPSD3422EB40U6T
Giải thích chi tiết về linh kiện  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T bảng dữ liệu(HTML) 128 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 124Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 125Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 126Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 127Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 128Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 129Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 130Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 131Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 293 page
background image
I2C interface
uPSD34xx
128/293
Set I2C clock prescaler to determine fSCL
–
SFR S1CON.CR[2:0] = desired SCL freq.
Set bus START condition sampling
–
SFR S1SETUP[7:0] = number of samples
Enable individual I2C interrupt and set priority
–
SFR IEA.I2C = 1
–
SFR IPA.I2C = 1 if high priority is desired
Set the Device address for Slave mode
–
SFR S1ADR = XXh, desired address
Enable SIOE (as Slave) to return an ACK signal
–
SFR S1CON.AA = 1
Master-Transmitter
Disable all interrupts
–
SFR IE.EA = 0
Set pointer to global data xmit buffer, set count
–
*xmit_buf = *pointer to data
–
buf_length = number of bytes to xmit
Set global variables to indicate Master-Xmitter
–
I2C_master = 1, I2C_xmitter = 1
Disable Master from returning an ACK
–
SFR S1CON.AA = 0
Enable I2C SIOE
–
SFR S1CON.INI1 = 1
Transmit Address and R/W bit = 0 to Slave
–
Is bus not busy? (SFR S1STA.BBUSY = 0?)
<If busy, then test until not busy>
–
SFR S1DAT[7:0] = Load Slave Address & FEh
–
SFR S1CON.STA = 1, send START on bus
<bus transmission begins>
Enable All Interrupts and go do something else
–
SFR IE.EA = 1
Master-Receiver
Disable all interrupts
–
SFR IE.EA = 0
Set pointer to global data recv buffer, set count
–
*recv_buf = *pointer to data
–
buf_length = number of bytes to recv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com