công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KB4314 bảng dữ liệu(PDF) 2 Page - Kingbor Technology Co

tên linh kiện KB4314
Giải thích chi tiết về linh kiện  High Efficiency, Constant Current 1 Watt Boost White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KINGBOR [Kingbor Technology Co]
Trang chủ  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4314 bảng dữ liệu(HTML) 2 Page - Kingbor Technology Co

  KB4314 Datasheet HTML 1Page - Kingbor Technology Co KB4314 Datasheet HTML 2Page - Kingbor Technology Co KB4314 Datasheet HTML 3Page - Kingbor Technology Co KB4314 Datasheet HTML 4Page - Kingbor Technology Co KB4314 Datasheet HTML 5Page - Kingbor Technology Co KB4314 Datasheet HTML 6Page - Kingbor Technology Co KB4314 Datasheet HTML 7Page - Kingbor Technology Co KB4314 Datasheet HTML 8Page - Kingbor Technology Co KB4314 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Part number
Package
Marking
GRE
SOT23-6, Green
101, 186 Date Code with one bottom line
Pin N0.
Symbol
I / O
Description
1
LX
I
Step-up Regulator N-MOS Drain. Place output diode and inductor.
2
GND
P
Ground
3
FB
I
Step-Up Regulator Feedback Input. Connect a sense resistor from FB to
ground.
4
EN
I
Enable and Dimming Control Input. LED brightness and IC shutdown are
controlled by the voltage on EN. Driving low for longer than 4ms to
shutdown the IC.
5
OVP
I
Over-voltage protection input. Connect to the output.
6
VIN
P
Power supply.
Parameter
Rated Value
Unit
VIN voltage
-0.3 to +6.5
V
LX , OVP voltage
-0.3 to +30
V
EN , FB to GND
-0.3 to +6.5
V
Switch Current (ILX)
0.45
A
Continuous power dissipation (SOT23-6 Ta=+25
OC)
0.35
W
Operating Junction Temperature Range
-35 to 85
Lead
Temperature (Soldering 5 sec)
260
Storage Temperature
-65 to 125
Package Thermal Resistance (
JA)
250
/W
ESD Susceptibility (HBM)
2
KV
ESD Susceptibility (MM)
200
V
Note1:Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability
High Efficiency, Constant Current
2
KB4314
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
PIN CONFIGURATION
ORDER INFORMATION
PIN DESCRIPTION
(Note 1)
ABSOLUTE MAXIMUM RATINGS
KB4314
SOT23-6
REV: 1.0
1 Watt Boost White-LED Driver
Marking
H



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com