| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93PW32F bảng dữ liệu(PDF) 21 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93PW32F bảng dữ liệu(HTML) 21 Page - Toshiba Semiconductor |
|
21 / 26 page ![]() TMP93PW32 2004-02-10 93PW32-19 (4) Write cycle Note: Since the CPU accesses the internal area to write data to a port, the control signals of external pins such as WR and CS are not enabled. Therefore, the above waveform diagram should be regarded as depicting internal operation. Please also note that the timing and AC characteristics of port input/output shown above are typical representation. For details, contact your local Toshiba sales representative. X1 tWW tWD CLK A0 to A23 Port output (Note) AD0 to AD15 ALE tDW tCP A0 to A15 D0 to D15 WAIT WR , HWR |