công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX5511 bảng dữ liệu(PDF) 2 Page - AXElite technology co. ltd

tên linh kiện AX5511
Giải thích chi tiết về linh kiện  1.2MHz, High Voltage, Boost Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AXELITE [AXElite technology co. ltd]
Trang chủ  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5511 bảng dữ liệu(HTML) 2 Page - AXElite technology co. ltd

  AX5511 Datasheet HTML 1Page - AXElite technology co. ltd AX5511 Datasheet HTML 2Page - AXElite technology co. ltd AX5511 Datasheet HTML 3Page - AXElite technology co. ltd AX5511 Datasheet HTML 4Page - AXElite technology co. ltd AX5511 Datasheet HTML 5Page - AXElite technology co. ltd AX5511 Datasheet HTML 6Page - AXElite technology co. ltd AX5511 Datasheet HTML 7Page - AXElite technology co. ltd AX5511 Datasheet HTML 8Page - AXElite technology co. ltd AX5511 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Nov.07, 2019
AX5511
PIN ASSIGNMENT
The package of AX5511 is TSOT-23-5L; the pin assignment is given by:
(Top View)
TSOT-23-5L
3
2
5
4
1
SW
GND
FB
EN
VCC
Name
Description
VCC
Input Supply Pin.
Must be locally bypassed.
EN
Regulator On/Off Control Input.
A high input at EN turns on the
converter, and a low input turns it
off.
When not used, connect EN to the
input source for automatic startup.
The EN pin cannot be left floating.
FB
Feedback Input.
FB voltage is 1.238V.
Connect a resistor divider to FB.
GND Ground.
SW
Power Switch Output.
SW is the drain of the internal
MOSFET switch.
Connect the power inductor and
output rectifier to SW.
SW can swing between GND and
27V.
ORDER/MARKING INFORMATION
Order Information
Top Marking
AX5511 XX X
Package Type
Packing
Blank : Tube
A: Taping
BT: TSOT-23-5L
B
WW: 01~26(A~Z)
27~52(a~z)
ID code : internal
A Y W X
AX5511
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
ABSOLUTE MAXIMUM RATINGS (at T
A=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
GND - 0.3 to GND + 6.5
V
EN,FB Pin Voltage
GND - 0.3 to VCC + 0.3
V
SW Pin Voltage
VSW
30
V
Power Dissipation
PD
( TJ-TA ) / θJA
mW
Storage Temperature Range
TST
-40 to +150
°C
Operating Junction Temperature Range
TOP
-40 to +125
°C
Thermal Resistance from Junction to case
θJC
110
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com