công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX3111AESA bảng dữ liệu(PDF) 1 Page - AXElite technology co. ltd

tên linh kiện AX3111AESA
Giải thích chi tiết về linh kiện  PWM Control 2A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AXELITE [AXElite technology co. ltd]
Trang chủ  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111AESA bảng dữ liệu(HTML) 1 Page - AXElite technology co. ltd

  AX3111AESA Datasheet HTML 1Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 2Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 3Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 4Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 5Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 6Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 7Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 8Page - AXElite technology co. ltd AX3111AESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.09, 2019
AX3111A
PWM Control 2A Step-Down Converter
GENERAL DESCRIPTION
AX3111A consists of step-down switching regulator with PWM control. These devise
include a reference voltage source, oscillation circuit, error amplifier, internal PMOS and
etc.
AX3111A provides low-ripple power, high efficiency, and excellent transient
characteristics. The PWM control circuit is able to the duty ratio linearly form 0 up to 100%.
This converter is build out soft start function that prevents overshoot and inrush current at
startup. An over current protect function and short circuit protect function are built inside,
and when OCP or SCP happens, the operation frequency will be reduced. The operating
frequency is decided by outside resistance. An external compensation is easily to system
stable; the low ESR output capacitor can be used.
With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode
connected externally, these ICs can function as step-down switching regulators. They serve
as ideal power supply units for portable devices when coupled with the SOP-8L packages,
providing such outstanding features as low current consumption. Since this converter can
accommodate an input voltage up to 40V, it is also suitable for the operation via an AC
adapter.
FEATURES
- Input voltage:8V to 40V
- Output voltage:VFB to 38V
- Duty ratio:0% to 100% PWM control
- Oscillation frequency range is 50K~350KHz by outside resistance setting
- Enable with Soft-Start function
- Current Limit, Short Circuit Protect (SCP) and Thermal Shutdown protection
- Built-in internal SW P-channel MOS.
- SOP-8L-EP Pb-Free packages.
- RoHS and Halogen free compliance.


Số phần tương tự - AX3111AESA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AXElite technology co. ...
AX3111 AXELITE-AX3111 Datasheet
805Kb / 13P
PWM Control 3A Step Down Converter
Rev.2.3 Oct.09, 2019
AX3111ES AXELITE-AX3111ES Datasheet
805Kb / 13P
PWM Control 3A Step Down Converter
Rev.2.3 Oct.09, 2019
AX3111ESA AXELITE-AX3111ESA Datasheet
805Kb / 13P
PWM Control 3A Step Down Converter
Rev.2.3 Oct.09, 2019
More results

Mô tả tương tự - AX3111AESA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com