công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP91CP27 bảng dữ liệu(PDF) 13 Page - Toshiba Semiconductor

tên linh kiện TMP91CP27
Giải thích chi tiết về linh kiện  Original CMOS 16-Bit Microcontroller
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CP27 bảng dữ liệu(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP91CP27 Datasheet HTML 9Page - Toshiba Semiconductor TMP91CP27 Datasheet HTML 10Page - Toshiba Semiconductor TMP91CP27 Datasheet HTML 11Page - Toshiba Semiconductor TMP91CP27 Datasheet HTML 12Page - Toshiba Semiconductor TMP91CP27 Datasheet HTML 13Page - Toshiba Semiconductor TMP91CP27 Datasheet HTML 14Page - Toshiba Semiconductor TMP91CP27 Datasheet HTML 15Page - Toshiba Semiconductor TMP91CP27 Datasheet HTML 16Page - Toshiba Semiconductor TMP91CP27 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 246 page
background image
TMP91CP27
2003-11-05
91CP27-11
3.3
Diversity of TMP91CW12A and TMP91CP27
TMP91CP27 is article cut function and pin from TMP91CW12A fundamentally.
Specification of function shows section 3.3.1 to 3.3.6. Wide difference of AC/DC characteristic
is AC characteristics (Shown section 3.3.7). For the details, please refer to Chapter 4, “Electrical
characteristics”.
3.3.1
Cut Internal I/O
TMP91CP27 is micro controller cut 8-bit timer (TMRA6 to TMRA7), 16-bit timer
(TMRB1) and clock doublers circuit (DFM) from TMP91CW12A.
Please don’t access to special function register address of above internal I/O in
TMP91CW12A.
Please refer to “Table of special function register”.
3.3.2
Cut Port Function
TMP91CP27 be cut below port function from TMP91CW12A.
• Port 2: P27 (A23/A7) and P26 (A22/A6)
• Port 3: P37, P36 (
W
/
R
), P35 ( BUSAK ), P34 ( BUSRQ ) and P33 ( WAIT )
• Port 4: P43 ( CS3 )
• Port 5: P57 to P54 (AN7 to AN4)
• Port 6: P66, P65 and P64 (SCOUT)
• Port 7: P75 (TA7OUT)
• Port 8: P87 (TB1OUT1), P86 (TB1OUT0), P85 (TB1IN1/INT8) and
P84 (TB1IN0/INT7)
• Port A: PA7 to PA4, PA3 to PA0 (INT4 to INT1)
3.3.3
Cut factor of Interrupt
TMP91CP27 be cut factor of interrupt by cut internal I/O and port function (Refer to
Table 3.5.1). Please don’t access to interrupt priority setting register for cut factor of
interrupt. Please refer to “table of special function register”.
3.3.4
Bus Release Function
TMP91CP27 don’t include bus release function by cutting bus request pin (P34) and bus
acknowledge pin (P35).
3.3.5
CS/WAIT Controller
When set TMP91CP27 to BxCS<BxW2:0>
= “010” (1 + N) WAIT mode, it operates as 1
wait by cutting WAIT pin.
And there is not CS3 pin (P43), but when set MSAR3, MAMR3 and set B3CS<B3E>
= “1”,
wait control is effective.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com