| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP89FS60 bảng dữ liệu(PDF) 308 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 bảng dữ liệu(HTML) 308 Page - Toshiba Semiconductor |
|
308 / 410 page ![]() Page 294 20. 10-bit AD Converter (ADC) 20.2 Control TMP89FS60 RA001 20.2 Control The AD converter consists of the following four registers: 1. AD converter control register 1 (ADCCR1) This register selects an analog channel in which to perform AD conversion, selects an AD conversion operation mode, and controls the start of the AD converter. 2. AD converter control register 2 (ADCCR2) This register selects the AD conversion time, and monitors the operating status of the AD converter. 3. AD converted value registers (ADCDRH and ADCDRL) These registers store the digital values generated by the AD converter. |