| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP89FS60 bảng dữ liệu(PDF) 26 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 bảng dữ liệu(HTML) 26 Page - Toshiba Semiconductor |
|
26 / 410 page ![]() Page 12 2. CPU Core 2.2 Memory space TMP89FS60 RA001 2.2.1.3 Flash The Flash is mapped to 0x1000 to 0xFFFF in the code area after reset release. 2.2.2 Data area The data area stores the data to be accessed as sources and destinations of transfer and calculation instruc- tions. The SFR, the RAM, the BOOTROM and the FLASH are mapped in the data area. Note: Only the first 2 Kbytes of the BOOTROM are mapped in the memory map, except in the serial PROM mode. Figure 2-2 Memory Map in the Data Area Flash memory control register 2 FLSCR2 76543 210 (0x0FD1) Bit Symbol CR1EN Read/Write W After reset * ******* CR1EN FLSCR1 register enable/disable control 0xD5 Others Enable a change in the FLSCR1 setting Reserved 0x0000 SFR1 (64 bytes) SFR1 (64 bytes) 0x003F 0x0040 RAM (3072 bytes) RAM (3072 bytes) 0x0C3F 0xFF is read 0xFF is read 0x0E40 SFR3 (192 bytes) SFR3 (192 bytes) 0x0EFF 0x0F00 SFR2 (256 bytes) SFR2 (256 bytes) 0x0FFF 0x1000 BOOTROM (2048 bytes) 0x17FF 0x1800 Flash (61440 bytes) Flash (59392 bytes) 0xFFFF Immediately after re- set release When the BOOTROM is mapped in the data area |