| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP89FS60 bảng dữ liệu(PDF) 272 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 bảng dữ liệu(HTML) 272 Page - Toshiba Semiconductor |
|
272 / 410 page ![]() Page 258 17. Synchronous Serial Interface (SIO) 17.5 Transfer Modes TMP89FS60 RA001 Figure 17-15 8-bit Transmit/Receive Mode (External Clock, Occurrence of Transmit Under- run Error and Occurrence of Overrun Error) SI0 pin (input) SCLK0 pin (input) INTSIO0 interrupt request Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Write to SIO0BUF SIO0BUF (Write buffer) DF G SIO0BUF (Read buffer) AC Read SIO0SR SIO0CR<SIOS> SIO0SR<SIOF> SIO0SR<SEF> SIO0SR<TBFL> SIO0SR<REND> SIO0SR<OERR> SIO0SR<UERR> Data A Data B Writing data D Read SIO0BUF Reading data A Reading data C Writing data F Writing data G Reserved stop Start operation Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Data C SO0 pin (output) Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Data D Data D Data F Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Data G |