| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP89FS60 bảng dữ liệu(PDF) 266 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 bảng dữ liệu(HTML) 266 Page - Toshiba Semiconductor |
|
266 / 410 page ![]() Page 252 17. Synchronous Serial Interface (SIO) 17.5 Transfer Modes TMP89FS60 RA001 Figure 17-9 8-bit Receive Mode (Internal Clock and Forced Stop) Figure 17-10 8-bit Receive Mode (External Clock and Reserved Stop) SI0 pin (input) Internal clock SCLK0 pin (output) INTSIO0 interrupt request Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Read SIO0BUF SIO0BUF A SIO0CR<SIOS> SIO0CR<SIOM> SIO0SR<SIOF> SIO0SR<SEF> SIO0SR<REND> Data A Reading data A Returned to the initial level Reserved stop Forced stop Forced stop Start operation Start operation Automatic wait 10 00 00 10 Bit0 Bit1 Bit2 Bit3 Bit0 Bit1 Bit2 Data B Data C Returned to the initial level SI0 pin (input) SCLK0 pin (input) INTSIO0 interrupt request Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Read SIO0BUF SIO0BUF ABC SIO0CR<SIOS> SIO0SR<SIOF> SIO0SR<SEF> SIO0SR<REND> Data A Reading data A Reading data B Reserved stop Start operation Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Data B Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Data C SIO0CR<SIOM> 10 |