| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP89FS60 bảng dữ liệu(PDF) 155 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 bảng dữ liệu(HTML) 155 Page - Toshiba Semiconductor |
|
155 / 410 page ![]() Page 141 TMP89FS60 RA001 13. 16-bit Timer Counter (TCA) The TMP89FS60 contains 2 channels of high-performance 16-bit timer counters (TCA). This chapter describes the 16-bit timer counter A0. For the 16-bit timer counter A1, replace the SFR addresses and pin names, as shown in Table 13-1 and Table 13-2. Table 13-1 SFR Address Assignment TAxDRAL (Address) TAxDRAH (Address) TAxDRBL (Address) TAxDRBH (Address) TAxMOD (Address) TAxCR (Address) TAxSR (Address) Low power consump- tion register Timer counter A0 TA0DRAL (0x002D) TA0DRAH (0x002E) TA0DRBL (0x002F) TA0DRBH (0x0030) TA0MOD (0x0031) TA0CR (0x0032) TA0SR (0x0033) POFFCR0 <TCA0EN> Timer counter A1 TA1DRAL (0x0FA8) TA1DRAH (0x0FA9) TA1DRBL (0x0FAA) TA1DRBH (0x0FAB) TA1MOD (0x0FAC) TA1CR (0x0FAD) TA1SR (0x0FAE) POFFCR0 <TCA1EN> Table 13-2 Pin Names Timer input pin PPG output pin Timer counter A0 TCA0 pin PPGA0 pin Timer counter A1 TCA1 pin PPGA1 pin |