| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP89FS60 bảng dữ liệu(PDF) 334 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 bảng dữ liệu(HTML) 334 Page - Toshiba Semiconductor |
|
334 / 410 page ![]() Page 320 21. Flash Memory 21.4 Toggle Bit (D6) TMP89FS60 RA003 Note 1: In using a write instruction in the xxx bus write cycle, make sure that you use a write instruction of more than three machine cycles or arrange write instructions in such a way that they are generated at intervals of three or more machine cycles. If a 16-bit transfer instruction is used or if write instructions are executed at intervals of two machine cycles, the flash memory command sequence will not be transmitted properly, and a malfunction may occur. Note 2: If a read of the flash memory (toggle operation) is to be performed after a write instruction is gener- ated in the xth bus write cycle, instructions must be arranged in such a way that they are generated at intervals of three or more machine cycles; machine cycles are counted from when the last xth bus write cycle is generated to when each instruction is generated. Three NOP instructions are normally used. If the interval between instructions is short, the toggle bit does not operation correctly. sAddConv: LD WA,IX SWAP C AND C,0x10 SWAP W AND W,0x08 OR C,W XOR C,0x08 SHRC C OR C,0xA0 LD (FLSCR1),C ; Enable the execution of command sequence. Make the FAREA setting. LD (FLSCR2),0xD5 ; Reflect the FLSCR1 setting LD WA,IX TEST C.3 J Z,sAddConvEnd OR W,0x80 LD IX,WA sAddConvEnd: RET ; Interrupt subrou- tine sINTWDT: : : ; Error processing RETN sINTSWI: : : ; Error processing RETN |