công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMPR3916 bảng dữ liệu(PDF) 204 Page - Toshiba Semiconductor

tên linh kiện TMPR3916
Giải thích chi tiết về linh kiện  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 bảng dữ liệu(HTML) 204 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 205Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 207Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 208Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 225 page
background image
Chapter 11 Electrical Characteristics
Preliminary
11-5
11.5 Standby Mode Timing
To resume the PLL circuit operations, set the PLLOFF* pin to “High” and the CLKEN pin to high. At
that time, a period of 500
µs is required for the PLL circuit oscillation to stabilize. The following diagram
shows the corresponding timing:
SYSCLK
CLKEN
min 500
µs
PLLOFF*
PLL oscillation
PLLSTOP
Figure 11.5.1 Standby Mode Waveform
11.6 Boot Device
By using the following application circuit, the user can choose between 16 bit and 32 bit boot device.
TMPR3916
A26
Memory
Device
R = 47 K
Ω
VCC
VSS
Jumper
Jumper connected to ...
VCC => Boot by 16 Bit device
VSS => Boot by 32 Bit device
Figure 11.6.1 Applying External Boot Mode Selection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More