| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR3916 bảng dữ liệu(PDF) 157 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 bảng dữ liệu(HTML) 157 Page - Toshiba Semiconductor |
|
157 / 225 page ![]() Chapter 9 Synchronous Serial I/O (TXSEI) Preliminary 9-2 9.1 TXSEI Structure The following figure roughly shows the internal structure of the TXSEI and the connectivity to the outside of the chip via the PORT-Multiplexer: MCU Interface & Configuration Registers Tx-FIFO Rx-FIFO Shift-Register Control logic P o r t c o n t r o l IO-directions dependent on mode (slave/master) PORT-Muliplexer PIOs 16,17,18,19, 22 Connection to internal system bus Chip Configuration R. SEIMUX Figure 9.1.1 Internal Structure of TXSEI |