công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CLB bảng dữ liệu(PDF) 1 Page - Automatic Timing & Controls, Inc.

tên linh kiện CLB
Giải thích chi tiết về linh kiện  3-Phase Current Unbalance & Over Current Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATC [Automatic Timing & Controls, Inc.]
Trang chủ  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CLB bảng dữ liệu(HTML) 1 Page - Automatic Timing & Controls, Inc.

  CLB Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
196
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
3-Phase Current Unbalance &
Over Current Monitor
WIRING
DIMENSIONS (INCHES)
OPERATION
SPECIFICATIONS
OPERATING VOLTAGE
3-Phase, 50/60 Hz, 600 V max
CONTROL VOLTAGE
120 VAC, 50/60 Hz
OVER CURRENT
See Table for Adjustable Ranges
UNBALANCE RANGE
5% to 25%, Adjustable
INRUSH DELAY
0.1 To 10 SEC, Adjustable; Initiated
When Current of Any Phase rises 20%
Above the Max. Operating Current
OUTPUT
SPDT, 10 amp @ 240 VAC Resistive
HYSTERESIS
2% of Unbalance Setting
RESPONSE TIME
Operate
1 Second, Max.
Release
100 mSEC
INDICATOR
LED Glow When All Conditions Are Normal
RESET
Automatic or Manual
TEMPERATURE RATING
Operate
32° to 131°F (0° to +55°C)
Storage
-49° to 185°F (-45° to +85°C)
WEIGHT
13 oz.
The CLB Series is designed to protect three phase equipment against
CURRENT UNBALANCE and OVER CURRENT conditions.
The control voltage is continuously applied to supply the sensing
circuitry and the internal relay. When the current of any phase approxi-
mately 20% above the maximum operating current, the inrush delay
begins. This delay disables the over current sensors while high inrush
currents are present. Any time the currents are outside the preset limits
after completion of the inrush delay, the internal relay will de-energize
(Drop-out). An External CT may be used to extend the range of the
current monitor.
A 2% differential (hysteresis) between Pick-up and Drop-out is incorpo-
rated to prevent chattering when operated in the automatic reset mode
and the current is at the trip point.
The reset mode is selected as follows:
AUTOMATIC: Place a jumper between pins ten (10) and eleven (11).
MANUAL: Place a normally open switch between pins ten (10) and
eleven (11). When there is a loss and reapplication of the control
voltage, the external switch must be closed before the circuit will again
become operative.
MODEL
CONTROL
OVER
NUMBER
RANGE
CURRENT RANGE
CLB-120-ALE-5
120 VAC
1.0 to 5.0 amps,
Adjustable
CLB-120-ALE-10
120 VAC
2.0 to 10 amps,
Adjustable


Số phần tương tự - CLB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
CLB VISHAY-CLB Datasheet
103Kb / 3P
Wire Bondable Thin Film Resistor Arrays
30-May-2022
logo
Carling Technologies
CLB-153-11A3N-B-A CARLINGTECH-CLB-153-11A3N-B-A Datasheet
889Kb / 4P
CIRCUIT PROTECTORS
logo
General Devices Company...
CLB-203 GENERALDEVICES-CLB-203 Datasheet
95Kb / 3P
Ball Bearing Slide Mounting Brackets
CLB-223 GENERALDEVICES-CLB-223 Datasheet
95Kb / 3P
Ball Bearing Slide Mounting Brackets
logo
Visual Communications C...
CLB-300 VCC-CLB-300 Datasheet
82Kb / 1P
PROFILE FRESNEL LENS 5MM ROUND LOW
More results

Mô tả tương tự - CLB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
CURRENT SHUNT MONITOR
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
Solid State Optronic
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
Current limiting (over-current protection)
M211-L SSOUSA-M211-L_15 Datasheet
191Kb / 5P
Current limiting ??(over-current protection)
logo
Texas Instruments
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
Current Shunt Monitor
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
Current-Shunt Monitor
logo
TALEMA Group. LLC
AN3-1000 TALEMA-AN3-1000 Datasheet
748Kb / 2P
3 Phase Current Transformer
logo
Littelfuse
777-P2 LITTELFUSE-777-P2 Datasheet
409Kb / 5P
3-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
77C-KW LITTELFUSE-77C-KW Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
77C LITTELFUSE-77C Datasheet
373Kb / 4P
Single-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com