công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

407C bảng dữ liệu(PDF) 1 Page - Automatic Timing & Controls, Inc.

tên linh kiện 407C
Giải thích chi tiết về linh kiện  1/16 DIN Multi-Mode Timer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATC [Automatic Timing & Controls, Inc.]
Trang chủ  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

407C bảng dữ liệu(HTML) 1 Page - Automatic Timing & Controls, Inc.

  407C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 407C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 407C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
39
Automatic Timing & Controls
800.727.5646
atcdiversified.com
MULTIPLE TIMING MODES: The 407 is available with selectable On-
Delay, Off-Delay or Interval timing modes. These timing modes energize
a set of DPDT output contacts. When in the On-Delay mode, the 407 be-
gins timing when the timer is energized. In On-Delay mode, the contacts
transfer at time out. When in the Off-Delay mode, the 407 begins timing
when the Start input is de-energized. In Off-Delay mode, the contacts
transfer at time out. When in the Interval mode, the contacts transfer
when the timer is energized. In Interval mode, the contacts release at
time out.
UNIVERSAL POWER SUPPLY: All 407 timers can be powered using
24-240 VAC or 24 VDC power, greatly simplifying ordering and inventory
management of replacement units.
HIGH ACCURACY: The 407’s timing circuit is not a simple RC circuit.
It utilizes the sophistication of a proprietary integrated circuit that
includes counting technology along with a stable oscillator to provide
repeatable time delays.
1/16 DIN HOUSING: The 48mm2 (1/16 DIN) housing is compact. The
407 is mounted in an 11-pin round socket. With an optional mounting
clip, the 407 can be panel mounted.
The Dial on the 407 is extra-large and is easy to read. When fractional
ranges are selected, decimal points are clearly indicated.
The Mode SELECT AND RANGE select switches are located on the side
of the unit, so that when panel mounted, these switches are not acces-
sible to the operator. This tamper proof feature prevents unauthorized
or hazardous changes to the timing mode and range from being made.
CYCLE PROGRESS INDICATION: The 407 LED indicator provides a unique
and effective method of cycle progress indication. Off before timing,
the LED blinks at an ever increasing rate as the cycle progresses; once
every 3-1/2 seconds during the first 10% of the cycle, twice during the
second 10%, and so on. At time out, the LED pulses at a high rate. (In
the 1, 5, 10 and 50 second ranges, the LED is Off before timing, steady
On during timing, and pulsing On after time-out).
Timing begins when the start switch is closed (ON-delay and INT
modes) or opened (OFF-delay mode). This starts an oscillator which
runs at a frequency determined by the time setting. A fixed number of
counts from the oscillator determines the end of the timing cycle. The
time required to accomplish this depends upon the oscillator frequency.
During timing, An LED located on the dial face blinks. For the first 10%
of the cycle, the LED repeatedly blinks once followed by a pause. For
the second 10%, it blinks twice and so on indicating he cycle progress.
The LED flashes rapidly and continuously after time out.
ON-DELAY MODE: At time out, the DPDT relay transfers its contacts.
These contacts remain transferred until the start switch is opened or
power is removed by some other means.
INTERVAL MODE: When the start switch is closed, the DPDT relay
transfers its contacts. The contacts remain transferred until time out.
The timer will not start again until the start switch is opened or power is
removed by some other means. The 407B then resets and is ready for
another cycle.
OFF-DELAY MODE: Power must be applied to the timer before and
during timing (terminals #10 & 2). Upon closure of the start switch,
the DPDT relay transfers its contacts. The timing begins when the start
switch is opened. The relay remains energized during timing. At time
out, the relay de-energizes.
OPERATIONS
1/16 DIN Multi-Mode Timer
• Selectable ON-Delay/OFF-Delay/Interval Timing Modes
• Separate Start Input
• Output Contacts rated 10A at 120/240 VAC and 30 VDC
• Six Timing Ranges in a single unit
• 1 and 10 SEC, MIN, and HRS
5 and 50 SEC, MIN, and HRS
• Universal Power Supply; 24-240 VAC and 24 VDC
• 48mm2 DIN Standard housing
• Large and easy to read dial shows decimal points
• Round (octal) socket mount or mount in panel cutout
• Range and Mode select are tamper proof when
panel mounted
• Unique flashing cycle progress indication
E48329
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Special note for Off-Delay operation: When operated from AC, the
start switch must be of a dry contact type such as a relay contact or
mechanical switch. When operated from DC, the start switch can be
a dry contact type such as a relay contact or mechanical switch. In
addition, a solid-state device may be used as long as its saturation
voltage drop is less than 1.5 VDC at 50mA.
The 407C Directly Replaces 407B and 407A


Số phần tương tự - 407C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CTS Corporation
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
logo
3M Electronics
407 3M-407 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Marathon Special Produc...
407 MARATHON-407 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Dremel
407 DREMEL-407 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Keystone Electronics Co...
407 KEYSTONE-407 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Mô tả tương tự - 407C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Extech Instruments Corp...
48PH EXTECH-48PH Datasheet
185Kb / 1P
pH Controller 1/16 DIN
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
1/16 DIN Process Controller
logo
SELEC Controls Pvt. Ltd
600DT SELEC-600DT Datasheet
738Kb / 2P
17.5mm Din Rail Timer
600SD SELEC-600SD Datasheet
418Kb / 1P
17.5mm Din Rail Timer
600ST SELEC-600ST Datasheet
345Kb / 1P
17.5mm Din Rail Timer
600U SELEC-600U Datasheet
450Kb / 2P
17.5mm Din Rail Timer
800PSR SELEC-800PSR Datasheet
201Kb / 1P
22.5mm Din Rail Timer
800M SELEC-800M Datasheet
139Kb / 2P
22.5mm Din Rail Timer
800SQ-A SELEC-800SQ-A Datasheet
144Kb / 2P
DIN Rail Timer
800XC SELEC-800XC Datasheet
142Kb / 2P
DIN Rail Timer
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com