| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPD1044F bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TPD1044F bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 10 page ![]() TPD1044F 2007-10-02 3 Timing chart Note 2:The overtemperature detector circuits feature hysteresis. After overtemperature is detected, normal operation is restored only when the channel temperature falls by the hysteresis amount (5°C typ.) in relation to the overtemperature detection temperature. Truth table IN VDS Output state Operating state L H OFF H L ON Normal L H OFF H H current limiting(limiter) Overcurrent (load short) L H OFF H H OFF Overtemperature Input signal Overcurrent detection Channel temperature Drain-source voltage Drain current Current limiting (limiter) Thermal shutdown Active clamp Normal VDD V(CL)DSS Overtemperature detection Inductive load |