| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLM75M2F bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLM75M2F bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 37 page ![]() STLM75 DC and AC parameters 29/37 6 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics tables that follow, are derived from tests performed under the Measurement Conditions summarized in Table 11, Operating and AC Measurement Conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 11. Operating and AC measurement conditions Parameter Conditions Unit VDD Supply Voltage 2.7 to 5.5 V Ambient Operating Temperature (TA) –55 to 125 °C Input Rise and Fall Times ≤ 5ns Input Pulse Voltages 0.2 to 0.8VCC V Input and Output Timing Reference Voltages 0.3 to 0.7VCC V |