công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

365C bảng dữ liệu(PDF) 2 Page - Automatic Timing & Controls, Inc.

tên linh kiện 365C
Giải thích chi tiết về linh kiện  LONG-RANGER Timer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATC [Automatic Timing & Controls, Inc.]
Trang chủ  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

365C bảng dữ liệu(HTML) 2 Page - Automatic Timing & Controls, Inc.

  365C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 365C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 365C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
108
MODEL NUMBER
365C
P
RANGE
0 to 9.99, or 99.9 or 999 SEC,
300
MIN, or HR
Special
000
VOLTAGE & FREQUENCY
24 VDC
N
120 VAC 50-60 Hz
Q
240 VAC, 50-60 Hz
R
24 VAC, 50-60 Hz
T
Special
K
ARRANGEMENT
With display, ON-delay/Time up or
30
down and stop (reset on power failure)
Time up or down and go
50
FEATURES
Basic plug-in unit
P
Standard unit
X
Special
K
ACCESSORIES:
Surface mounting bracket kit
353-260-27-00
Retrofit kit
305-265-61-70
SPECIFICATIONS
WIRING
MODELS
Arrangement “30,” with digital display available
for On-Delay operation at 120, 240 or 24 VAC;
and 24 VDC
RANGES
Switch-selectable ranges of 0-9.99,
0-99.9 and 0-999 SEC, MIN or HR
TIMING
Single Cycle
interval or delayed
MODES
Repeat Cycle pulse-clocked at 50 to 80 mSEC
(will be constant for a given unit)
RESET TIME
Clocked at 60 mSEC
DISPLAY CYCLE 3 digit display, 0.3 inch, high-intensity, blue
PROGRESS
programmable: DOWN and STOP, DOWN and
GO, UP and STOP or UP and GO
TIME-OUT
display (left); energized at
time-out.
TIMING BAR
display (right); blinks once per second during
cycle, rapidly after time-out.
CLOCK INPUT
120VAC
95-132VAC, 10mA max. current at
(terminal 15)
Model
120V
VOLTAGE
240VAC
190-264VAC, 10 mA max. current at
MODEL
Model
240V
24VAC
19.2-26.4VAC, 20 mA max. current
Model
at 24V
24VDC
19.2-26.4VDC (5% ripple), 5 mA
Model
max. current at 24V
TEMPERATURE
32 to 122°F (0 to 50°C)
RATING
POWER
120 VAC 95-132 VAC, 50 or 60 Hz.
REQUIREMENTS
Inrush — .3A.
Running 0.06A at 120 VAC
240 VAC 216-264 VAC, 50 or 60 Hz.
Inrush — .15A.
Running — 0.03A at 240 VAC
24 VAC
19.2-26.4 VAC, 50 or 60 Hz
Inrush — 1A.
Running — 0.25A at 24 VAC
24 VDC
19.2-26.4 VDC, 5% ripple
Running — .120A AT 24 VDC
LOAD RELAY
Number
one instantaneous and one
delayed
Type
DPDT, Form C.
Operate Time
P 13 mSEC, max.
Release Time
10 mSEC, max.
Contact Ratings 7A at 120, 240 or 24 VAC 1/6 HP
Life
100 million operations (no load)
REPEAT
± .001% ± .010 SEC of setting
ACCURACY
SETTING
±.01% + .030 SEC of setting
ACCURACY
TERMINALS
16 screw terminals accessible at rear
HOUSING
72mm2 DIN size; plug-in design; fully gasketed,
dust and water-tight in panel mounted installations
Standard hardware is provided for
front-of-panel mounting.
Optional Surface-mounting brackets
with front-facing terminals.
WEIGHT
NET: AC 1 lb., 6 oz. Shipping: AC 2 lbs.
DC 14 oz. DC 1 lb., 8 oz.
TERMINAL WIRING
MODEL NUMBER
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com