công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

353C bảng dữ liệu(PDF) 2 Page - Automatic Timing & Controls, Inc.

tên linh kiện 353C
Giải thích chi tiết về linh kiện  Shawnee II Digita Programmable Timer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATC [Automatic Timing & Controls, Inc.]
Trang chủ  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

353C bảng dữ liệu(HTML) 2 Page - Automatic Timing & Controls, Inc.

  353C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 353C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 353C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
102
DC POWER
Voltage
-24V ± 10%
SUPPLY OUTPUT Current
40 mA max.
(TERMINAL 7)
DC OUTPUT
Voltage
ON – -24V ± 10%
(TERMINAL 16)
OFF – -1V or less
Current
with relay–5 mA max.
without relay–40 mA max
Impedance on – 10 ohms max.
off – 10K ohms.
PULSE
PULSE ON TIME(with relay): 80 mSEC ± 20 mSEC
GENERATOR
(may be shortened or lengthened by installing a
OPERATION
resistor or capacitor, respectively, across Terminals
4 and 11; see Operation Section for details.)
LOAD RELAY
LIFE 100,000,000 operations (no load.)
CONTACT RATING: 5A @ 120 VAC Resistive,
5A, 30 VDC Resistive
REPEAT
±0.01 SEC on all ranges.
ACCURACY
MINIMUM
99.99 SEC or MIN ranges: 0.01 SEC or MIN, respectively.
SETTING
999.9 SEC or MIN ranges: 0.1 SEC or MIN, respectively.
MOUNTING
Standard Hardware is provided to mount timer so
ACCESSORIES
that it is dust-tight from front of panel.
Optional Surface mounting without and with front
facing terminals. (See Accessory section
of catalog)
WEIGHT
NET: 1 lb., 7 oz. Shipping: 2 lbs.
SPECIFICATIONS
RANGES
Four field convertible ranges
0.01 - 99.99 SEC
0.01 - 99.99 MIN
0.1 - 999.9 SEC
0.1 - 999.9 MIN
TIMING
Single cycle (interval or delayed) and repeat
MODES
cycle pulse generator.
VOLTAGE REQUIREMENTS
START/RESET
VOLTAGE REQUIREMENTS
SIGNAL
Positive Polarity
Ready at 4.5V min.
Reset at 1.0V max.
Negative Polarity
Ready at 3.0V min.
Reset at 1.0V max
Max. Continuous Input 40V.
Ripple Voltage
must not go below
minimum required
AC Line Voltage Input 5K ohms.
Impedance
RESET TIME
Circuit Reset
1 mSEC max.
Relay Drop-Out
20 mSEC max.
START SWITCH REQUIREMENTS
(ISOLATED CONTACT)
Switch Rating
10mA 30V
Min Open Resistance
1 megohm
Max. Closed Resistance 20K ohms
LATCHING MODE OPERATION
(INTERVAL ONLY)
Min. Duration
50 μSEC
Start Signal
Max. Duration
continuous
Start Signal
Reset
when signal is removed
TEMPERATURE
32° to 140°F (0 to 60°C)
RATING
POWER
120V
95 to 132V, 50/60 Hz
REQUIREMENTS
inrush – 0.4 A
running – 0.04 A
240V
190 to 264V, 50/60 Hz
inrush – 0.2 A
running – 0.02 A ±10%
WIRING
DIMENSIONS (INCHES)
TERMINAL WIRING
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com