công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

324C bảng dữ liệu(PDF) 1 Page - Automatic Timing & Controls, Inc.

tên linh kiện 324C
Giải thích chi tiết về linh kiện  Precision Switch Cam Programmer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATC [Automatic Timing & Controls, Inc.]
Trang chủ  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

324C bảng dữ liệu(HTML) 1 Page - Automatic Timing & Controls, Inc.

  324C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 324C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 324C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Precision Switch Cam
Programmer
CYCLE TIMES
Choice of ON-Delay or OFF-Delay operation
(not field-convertible).
Choose from a variety of interchangeable
motors and gears.
See chart for available timing ranges.
REPEAT ACCURACY ±0.25% of cycle time.
SETTING ACCURACY ±0.25% of cycle time.
FRAME SIZES
3, 6, 9 and 12 cam frame sizes are provided
CAMS
NUMBER: 1 to 12 (or multiples up to 12, by
combining timer assemblies); cams
may be factory-set.
CUT:
Standard or 50% cut, as specified
(standard cams allow contact closure
adjustment of 1 to 45% or 55 to 99%,
50% cut cams allow contact closure
adjustment of 12 to 52% or 48 to
88%; custom cams available with
2 or 4 or cuts.
CONSTRUCTION:
Two-inch diameter split type;
made of Delrin
LIFE EXPECTANCY MECHANICAL: over 10,000,000 operations
CONTACTS:
over 1,000,000 operations at
less than 1 amp
SPECIFICATIONS
A compact and motor-driven cam timer, the 324 precisely controls one to
twelve load circuits through easily-set screwdriver adjustable cams. Each
timer provides a wide range of cycle times through a set of interchangeable
gears.
EASY AND PRECISE CAM ADJUSTMENT: With ATC’s unique split-cam
design, each side of the cam is separately screwdriver-adjustable in either
direction: either side determines the precise instant during the cycle when
the switch will actuate, the other side determines how long the switch
will remain actuated. Adjustments are easy and precise: 1/4 turn of the
adjusting screw equals 0.5% of cycle time. A setting disc, calibrated in 1%
increments, facilitates program set-up and indicates cycle progress.
ONE TO TWELVE PRECISION SWITCHES: Whether used as a time or
sequence programmer, the 324 can be ordered with any number of cam-
operated switches from one to twelve. Each SPDT precision switch is rated
at 10 amps, 120 VAC and is 1/3 hp rated at 120 or 240 VAC.
WIDE RANGE OF CYCLE TIMES: The 324 is available with a variety of
synchronous motors. See charts for available timing ranges. Each motor
provides an adjustable range of cycle times, with a ratio of over 2.5:1,
through a set of interchangeable gears. Changing gears is a simple opera-
tion that takes only a few minutes.
ACCURACY: The repeat accuracy and setting accuracy of the 324 are both
within ± 0.25%. Follower fingers precisely track the contour of the cams,
accurately operating the precision switches with quick-break action.
SEQUENCE CONTROL: The 324 can be ordered without a motor and with a
1 inch long shaft extension on either or both ends, for use as a rotary cam
limit switch.
LOAD SWITCHES
TYPE:
Precision switches; one for each cam
CONTACT ACTION: SPDT(Form C)
CONTACT RATING: 10 A at 120 VAC (non-inductive).
1/3 HP at 125/250 VAC
MINIMUM CONTACT 1% of cycle time
ACTUATION TIME:
DRIVE MOTORS
SPEED:
choice of 12
TYPE:
Synchronous; permanently
lubricated; integral slip clutch for
manual advance; anti-backup to
prevent damage to switches
VOLTAGE:
120 VAC, 50 or 60 cycles;
240 VAC, 50 or 60 cycles.
POWER
12 watts max
CONSUMPTION:
DUAL DRIVE:
two motors may be used,
special applications
TORQUE-SPEED
At cycle times of 30 SEC or
CAPABILITIES:
longer, the 324 can drive and
switch 12 contacts simultaneously;
below 30 SEC, the motor may be
limited in its ability to drive or
switch a number of contacts
simultaneously.
TEMPERATURE RATING
32 to 140°F (0 to 60°C)
WEIGHT
NET: from 1-1/2 lbs. for the 3 cam unit up to
3-1/2 lbs. for the 12 cam unit
ENCLOSURES
NEMA 12 molded case for one model 324 with
maximum of 3 cams. (See Accessories) (Optional)
E24305
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Số phần tương tự - 324C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gilway Technical Lamp
324 GILWAY-324 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Switchcraft, Inc.
324 SWITCH-324 Datasheet
34Kb / 1P
Q-G짰 CONNECTOR-ADAPTERS
logo
Fluke Corporation
324 FLUKE-324 Datasheet
1Mb / 2P
320 Series True-rms Clamp Meters
logo
Aries Electronics, Inc.
324 ARIES-324 Datasheet
653Kb / 2P
PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
WECO ELECTRICAL CONNECT...
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
More results

Mô tả tương tự - 324C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
Microcontroller Programmer
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
DOOR INTERLOCK PLATE FOR CAM SWITCH
logo
Renesas Technology Corp
R20UT2921EJ0100 RENESAS-R20UT2921EJ0100 Datasheet
159Kb / 19P
Renesas Flash Programmer
RL78 RENESAS-RL78 Datasheet
976Kb / 61P
Renesas Flash Programmer
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
VID Voltage Programmer
logo
Xilinx, Inc
DS019 XILINX-DS019 Datasheet
103Kb / 3P
HW-130 Programmer
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
Programmer Board
logo
ATMEL Corporation
AT89ISP ATMEL-AT89ISP Datasheet
106Kb / 4P
AT89ISP Programmer Cable
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
Microcontroller Programmer
030700
logo
Schneider Electric
KSW7 SCHNEIDER-KSW7 Datasheet
111Kb / 1P
cam for rotary cam switch
Feb 3, 2022
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com