công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5010FHCS bảng dữ liệu(PDF) 11 Page - Nippon Precision Circuits Inc

tên linh kiện SM5010FHCS
Giải thích chi tiết về linh kiện  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FHCS bảng dữ liệu(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5010FHCS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —11
5010EA
× series
3V operation: VDD = 2.7 to 3.6V, VSS = 0V, Ta = −10 to +70°C unless otherwise noted.
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 2mA
2.1
2.4
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7V, IOL = 2mA
–
0.3
0.5
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.5
V
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 30MHz
5010EA1
–
4
8
mA
5010EA2
–
2.5
5
INHN pull-up resistance
RUP2
Measurement cct 4
40
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
80
200
500
k
Ω
Oscillator amplifier output
resistance
RD
Design value
690
820
940
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
910
11
pF
CD
13
15
17
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 3.2mA
3.9
4.2
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 3.2mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.8
V
Current consumption
IDD1
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 30MHz
5010EA1
–
6
12
mA
5010EA2
–
5
10
IDD2
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 40MHz
5010EA1
–
9
18
5010EA2
–
6
12
INHN pull-up resistance
RUP2
Measurement cct 4
40
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
80
200
500
k
Ω
Oscillator amplifier output
resistance
RD
Design value
690
820
940
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
910
11
pF
CD
13
15
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com