| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMA7455L bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA7455L bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 27 page ![]() Sensors Freescale Semiconductor 21 MMA7455L SENSING DIRECTION AND OUTPUT RESPONSE The following figure shows sensing direction and the output response for 2g mode. Figure 18. Sensing Direction and Output Response at 2g Mode Table 7. Acceleration vs. Output FS Mode Acceleration Output 2g Mode -2g $80 -1g $C1 0g $00 +1g $3F +2g $7F 4g Mode -4g $80 -1g $E1 0g $00 +1g $1F +4g $7F 8g Mode -8g $80 -1g $F1 0g $00 +1g $0F +8g $7F Side View X OUT @0g=$00 Y OUT @ +1g = $3F Z OUT @0g=$00 X OUT @ +1g = $3F Y OUT @0g=$00 Z OUT @0g=$00 X OUT @ -1g = $C1 Y OUT @0g=$00 Z OUT @ 0g = $00 1 6 5432 13 12 11 10 9 8 14 7 X OUT @0g=$00 Y OUT @ -1g = $C1 Z OUT @0g=$00 Direction of Earth's gravity field.* Top View X OUT @0g=$00 Y OUT @0g=$00 Z OUT @ -1g = $C1 X OUT @0g=$00 Y OUT @0g=$00 Z OUT @ +1g = $3F 16 5 4 3 2 13 12 11 10 9 8 14 7 Top Top Bottom Bottom * When positioned as shown, the Earth’s gravity will result in a positive 1g output. |