công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TBD bảng dữ liệu(PDF) 1 Page - Automatic Timing & Controls, Inc.

tên linh kiện TBD
Giải thích chi tiết về linh kiện  Off-Delay DIP Switch TDR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATC [Automatic Timing & Controls, Inc.]
Trang chủ  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TBD bảng dữ liệu(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TBD Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
68
4
8
9
3
2
1
11
10
5
7
6
SUPPLY
VOLTAGE
–
+
DPDT 11 Pin Plug-in
Off-Delay DIP Switch TDR
Supply voltage is continuously applied to the input. An external isolated
switch between pins 5 and 6 controls the timer. When closed, the relay
energizes. Opening the switch initiates the delay period. Upon comple-
tion of the delay period, the relay de-energizes. If the control switch
recloses during the delay period, the relay remains energized and the
timer resets to zero. NOTE: The TBD Series is available in an 8-pin SPDT
and an 11-pin DPDT configuration.
DIP SWITCH OPERATION
Digital selection of the time
delay is accomplished by
the use of ten (10) binary
switches, each marked with
a time increment. The time
periods, of which there are
five (5) ranges, represented by each switch in the ON position is added
together to obtain the desired time delay. No more trial-by-error
adjustments.
OPERATION
SPECIFICATIONS
WIRING
DIMENSIONS
TIME DELAY RANGE
A
0.1 to 102.3 SEC in 0.1 SEC Increments
B
1.0 to 1,023 SEC in 1.0 SEC Increments
C
10 to 10,230 SEC in 10 SEC Increments
D
0.1 to 102.3 MIN in 0.1 MIN Increments
E
1.0 to 1,023 MIN in 1.0 MIN Increments
OUTPUT
SPDT
10 A @ 250 VAC or 24 VDC, resistive
RATING
DPDT 5 A @ 240 VAC
ACCURACY
Setting ±2% or ±50 mSEC; whichever is
greater
Repeat ±0.1% or ±8.3 mSEC; whichever
is greater
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
SUPPLY
12, 24, 48, 120 or 240 VAC,
VOLTAGE
50/60 Hz; or DC; ±10%
FALSE TRANSFER No
REVERSE
Yes
POLARITY
PROTECTED
POWER
3 VA, approximately
REQUIRED
DUTY CYCLE
Continuous
TEMPERATURE
Operate 32° to 131°F (0° to +55°C)
RATING
Storage -49° to 185°F (-45° to +85°C)
LIFE
Mechanical 10 million operations, minimum
EXPECTANCY
Electrical
100,000 Operations @ rated
load
INDICATORS
LED glows when relay is energized.
ISOLATION
1,500 volts, input/output
WEIGHT
0.4 lbs.
RB-08/PF083A
STANDARD
OPTION
RB-011/PF0113A
MODEL NUMBER
MODEL NUMBER
TBD
A
CONTROL VOLTAGE
12 Volts DC
12
D
24 Volts AC/DC
24
A
48 Volts DC
48
D
120 Volts AC/DC
120
A
240 Volts AC
240
A
TIME DELAY RANGE
0.1 to 102.3 SEC in 0.1 SEC Increments
A
1.0 to 1,023 SEC in 1.0 SEC Increments
B
10 to 10,230 SEC in 10 SEC Increments
C
0.1 to 102.3 MIN in 0.1 MIN Increments
D
1.0 to 1,023 MIN in 1.0 MIN Increments
E
HOUSING
A
OPTION
DPDT, 5 Amps @120 VAC,11-Pin
D
5
4
SUPPLY
VOLTAGE
–
+
SPDT Octal Plug-in
6
7
8
1
2
3
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Số phần tương tự - TBD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TBD STMICROELECTRONICS-TBD Datasheet
145Kb / 10P
0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
17-Jun-2002
logo
ON Semiconductor
TBD ONSEMI-TBD Datasheet
44Kb / 6P
Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Integrated Circuit Syst...
TBD ICST-TBD Datasheet
110Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
TBD ICST-TBD Datasheet
112Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
TBD ICST-TBD Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
More results

Mô tả tương tự - TBD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
2211 ETC-2211 Datasheet
42Kb / 3P
FIXED DIP DELAY LINE
1517 ETC-1517 Datasheet
37Kb / 2P
5-TAP DIP DELAY LINE
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
DIP SWITCH
logo
RCD COMPONENTS INC.
SMP1410A-10NS-50R RCD-SMP1410A-10NS-50R Datasheet
96Kb / 1P
PASSIVE DIP DELAY LINES, TAPPED
logo
Omron Electronics LLC
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
DIP Switch
logo
Tyco Electronics
VTM2 MACOM-VTM2 Datasheet
236Kb / 1P
Off-Delay Timing Module
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
Available in on-delay, true off-delay, and on/off-delay
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
OFF DELAY TIMER
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com