| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CF5037F1 bảng dữ liệu(PDF) 8 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF5037F1 bảng dữ liệu(HTML) 8 Page - Nippon Precision Circuits Inc |
|
8 / 10 page ![]() CF5037 series SEIKO NPC CORPORATION —8 FUNCTIONAL DESCRIPTION Standby Function When OE goes LOW, the oscillator stops and the output pins (OUT, OUTN) become high impedance. Power-saving Pull-up Resistor The OE pin pull-up resistance changes in response to the input level (HIGH or LOW). When OE is tied LOW (standby state), the pull-up resistance becomes large, reducing the current consumed by the resistance. When OE is open circuit, the pull-up resistance becomes small, decreasing the susceptibility to the effects of external noise. OE OUT, OUTN Oscillator HIGH (or open) Either fO or fO/2 Normal operation LOW High impedance Stopped |