| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CF1155 bảng dữ liệu(PDF) 7 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF1155 bảng dữ liệu(HTML) 7 Page - Nippon Precision Circuits Inc |
|
7 / 8 page ![]() CF1155 series SEIKO NPC CORPORATION —7 TYPICAL APPLICATION The circuits below represent the standard connections for CF1155 series devices. Note 1: There are 2 VSS pads, and either pad can be used. Note 2: Circuit 1 is for one-shot mode, circuit 2 for level hold 1/2 modes, and circuit 3 for CdS connection. The bonding options for the above circuits is shown in the following table. Circuit 1 Circuit 2 OUT VSS VDD OUT OSH LH VSS Piezoelectric buzzer OUT VSS VDD OUT OSH LH VSS Piezoelectric buzzer Circuit 3 OUT VSS VDD OUT OSH LH VSS Piezoelectric buzzer Light OSH LH Melody mode Yes Yes Level hold 1 Yes Level hold 2 Yes One-shot |