công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5342LDDVG4 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TAS5342LDDVG4
Giải thích chi tiết về linh kiện  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5342LDDVG4 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TAS5342LDDVG4 Datasheet HTML 1Page - Texas Instruments TAS5342LDDVG4 Datasheet HTML 2Page - Texas Instruments TAS5342LDDVG4 Datasheet HTML 3Page - Texas Instruments TAS5342LDDVG4 Datasheet HTML 4Page - Texas Instruments TAS5342LDDVG4 Datasheet HTML 5Page - Texas Instruments TAS5342LDDVG4 Datasheet HTML 6Page - Texas Instruments TAS5342LDDVG4 Datasheet HTML 7Page - Texas Instruments TAS5342LDDVG4 Datasheet HTML 8Page - Texas Instruments TAS5342LDDVG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TAS5342L
SLAS558 – OCTOBER 2007
over operating free-air temperature range unless otherwise noted
(1)
TAS5342L
VDD to AGND
–0.3 V to 13.2 V
GVDD_X to AGND
–0.3 V to 13.2 V
PVDD_X to GND_X (2)
–0.3 V to 46V
OUT_X to GND_X (2)
–0.3 V to 46V
BST_X to GND_X (2)
–0.3 V to 59.2 V
BST_X to GVDD_X (2)
–0.3 V to 46V
VREG to AGND
–0.3 V to 4.2 V
GND_X to GND
–0.3 V to 0.3 V
GND_X to AGND
–0.3 V to 0.3 V
GND to AGND
–0.3 V to 0.3 V
PWM_X, OC_ADJ, M1, M2, M3 to AGND
–0.3 V to 4.2 V
RESET_X, SD, OTW to AGND
–0.3 V to 7 V
Maximum continuous sink current (SD, OTW)
9 mA
Maximum operating junction temperature range, TJ
0
°C to 125°C
Storage temperature
–40
°C to 125°C
Lead temperature, 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Minimum pulse duration, low
30 ns
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represent the dc voltage + peak ac waveform measured at the terminal of the device in all conditions.
ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
0
°C to 70°C
TAS5342LDDV
44-pin HTSSOP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5342L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com