| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES8381 bảng dữ liệu(PDF) 1 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES8381 bảng dữ liệu(HTML) 1 Page - ESS Technology,Inc |
|
1 / 2 page ![]() ESS Technology, Inc. SAM0637-032406 1 ESS Technology, Inc. ES8380 / ES8381 Phoenix HD Enhanced DVD Processor Product Brief The Phoenix™ ES8380/ES8381 family of processors are single-chip HD Enhanced™ DVD processors with an integrated servo controller and RF amplifier. It provides standard DVD decoding with options to support MPEG-4 ASP decoding, DivX® Home Theater/Ultra playback, HMDI transmitter and Class D power bridges. Phoenix incorporates advanced video enhancement features such as an HDTV encoder that can display JPEG pictures at full HD resolution, video up-scaling and de-interlacing to display video at full HD resolution. A USB full-speed host controller is built-in for connection to thumb drives and memory card readers. SD Resolution HD Resolution Features Benefits Integrated servo controller and RF amplifier Simplifies system design while reducing system cost HD video encoder Displays JPEG pictures at full 720p/1080i HD resolution SD →HD video scaler Up converts SD content to HD display resolution DivX Home Theater Profile/Ultra decoding Displays DivX encoded video at full screen MP3 audio encoding Archives favorite CD-DA tracks PWM controller for Class D power bridges Provides high quality and high performance audio at reduced system cost USB full speed host controller Enables interface to thumb drives and memory card readers Host/ATAPI port Interface to network controllers, hard drive or flash memory cards |
Số phần tương tự - ES8381 |
|
Mô tả tương tự - ES8381 |