| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES6218A bảng dữ liệu(PDF) 9 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES6218A bảng dữ liệu(HTML) 9 Page - ESS Technology,Inc |
|
9 / 10 page ![]() ESS Technology, Inc. SAM0575-021805 9 ES6218A PRODUCT BRIEF SYSTEM BLOCK DIAGRAM SYSTEM BLOCK DIAGRAM A sample system block diagram for the ES6218A Vibratto-S DVD player board design is shown in Figure 2. Figure 2 ES6218A Vibratto-S System Block Diagram FUNCTIONAL DESCRIPTION Figure 3 shows the internal block diagram for the ES6218A Vibratto-S DVD processor. Figure 3 ES6218A Vibratto-S Block Diagram ES6218A SDRAM (4/16 MB) DVD Drive ROM/Flash VFD Driver Audio DAC Digital Devices Speakers VFD Panel Digital Video (CCIR656/601) EEPROM A/V Receiver Vibratto-S IR Remote Audio ADC Microphone In S/PDIF TV Display Analog Video Huffman Decoder Video Processor 32-Bit Serial Audio Processor Interface RISC DRAM Interface DCI Interface 16 K Cache Gateway + DMA Controller DVD RAM ROM Host Interface Transport Descrambler + TDM Interface TV-Encoder SRAM/ROM Interface GPIO Controller OSD Display Subpicture CCIR656/601 Output Interface CCIR656/601 Input Interface |