công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32H563AG bảng dữ liệu(PDF) 30 Page - STMicroelectronics

tên linh kiện STM32H563AG
Giải thích chi tiết về linh kiện  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563AG bảng dữ liệu(HTML) 30 Page - STMicroelectronics

Back Button STM32H563AG Datasheet HTML 26Page - STMicroelectronics STM32H563AG Datasheet HTML 27Page - STMicroelectronics STM32H563AG Datasheet HTML 28Page - STMicroelectronics STM32H563AG Datasheet HTML 29Page - STMicroelectronics STM32H563AG Datasheet HTML 30Page - STMicroelectronics STM32H563AG Datasheet HTML 31Page - STMicroelectronics STM32H563AG Datasheet HTML 32Page - STMicroelectronics STM32H563AG Datasheet HTML 33Page - STMicroelectronics STM32H563AG Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
30/270
DS14258 Rev 5
Figure 3. STM32H562xx and STM32H563xx power supply overview (with LDO)
During power-up and power-down phases, the following power sequence requirements
must be respected:
•
When VDD is below 1 V, other power supplies (VDDA, VDDIO2, VDDUSB) must remain
below VDD + 300 mV.
•
When VDD is above 1 V, all power supplies are independent.
•
During the power-down phase, VDD can temporarily become lower than other supplies
only if the energy provided to the MCU remains below 1 mJ. This allows external
decoupling capacitors to be discharged with different time constants during the power-
down transient phase.
MSv64011V1
USB transceiver
Core
SRAM1
SRAM2
SRAM3
Digital
peripherals
LSE crystal 32kHz oscillator
Backup registers
RCC_BDCR register
RTC
TAMP
BKPSRAM
VDDA domain
Backup domain
Standby circuitry
(Wakeup logic, IWDG)
Low-voltage detector
LDO regulator
I/O ring
VCORE domain
Temperature sensor
Reset block
3 x PLL
Internal RC oscillators
Flash memory
VDDUSB
VDDIO2
VDDIO1
I/O ring
VDDIO2
VDDA
VSSA
VSS
VSS
VDDIO2 domain
VDD domain
VCORE
VSS
VDD
VBAT
VCAP
A/D converters
D/A converters
Voltage reference buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com