công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32H562AG bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện STM32H562AG
Giải thích chi tiết về linh kiện  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AG bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button STM32H562AG Datasheet HTML 31Page - STMicroelectronics STM32H562AG Datasheet HTML 32Page - STMicroelectronics STM32H562AG Datasheet HTML 33Page - STMicroelectronics STM32H562AG Datasheet HTML 34Page - STMicroelectronics STM32H562AG Datasheet HTML 35Page - STMicroelectronics STM32H562AG Datasheet HTML 36Page - STMicroelectronics STM32H562AG Datasheet HTML 37Page - STMicroelectronics STM32H562AG Datasheet HTML 38Page - STMicroelectronics STM32H562AG Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 270 page
background image
DS14258 Rev 5
35/270
STM32H562xx and STM32H563xx
Functional overview
62
by user software. For faster lock-in during startup, automatic and manual trimming actions
can be combined.
3.14
General-purpose inputs/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions.
After reset, all GPIOs are in analog mode to reduce power consumption.
If needed, the I/Os alternate function configuration can be locked following a specific
sequence, to avoid spurious writing to the I/Os registers.
Ten I/Os (PD6, PD7, PG9:14, PB8, PB9) can be independently supplied by a dedicated
VDDIO supply.
3.14.1
GPIOs TrustZone security
Each I/O pin of GPIO port can be individually configured as secure. When the selected I/O
pin is configured as secure, its corresponding configuration bits for alternate function, mode
selection, I/O data are secure against a nonsecure access. The associated registers bit
access is restricted to a secure software only. After reset, all GPIO ports are secure.
3.15
Multi-AHB bus matrix
A 32-bit multi-AHB bus matrix interconnects all the masters (CPU, GPDMA1, GPDMA2,
SDMMC1, SDMMC2, Ethernet) and the slaves (flash memory, FMC, OCTOSPI, SRAMs,
AHB and APB) peripherals. It ensures seamless and efficient operation, even when several
high-speed peripherals work simultaneously.
3.16
General purpose direct memory access controller (GPDMA)
The GPDMA controller is a bus master and system peripheral. It used to perform
programmable data transfers between memory-mapped peripherals and/or memories via
linked-lists, upon the control of an off-loaded CPU. The GPDMA main features are:
•
Dual bidirectional AHB master
•
Memory-mapped data transfers from a source to a destination:
–
Peripheral-to-memory
–
Memory-to-peripheral
–
Memory-to-memory
–
Peripheral-to-peripheral
•
Autonomous data transfers during Sleep mode
•
Transfers arbitration based on a four-grade programmed priority at a channel level:
–
One high-priority traffic class, for time-sensitive channels (queue 3)
–
Three low-priority traffic classes, with a weighted round-robin allocation for non
time-sensitive channels (queues 0, 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com