công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD300HTY120C7S bảng dữ liệu(PDF) 4 Page - StarPower Europe AG

tên linh kiện GD300HTY120C7S
Giải thích chi tiết về linh kiện  1200V/300A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STARPOWER [StarPower Europe AG]
Trang chủ  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD300HTY120C7S bảng dữ liệu(HTML) 4 Page - StarPower Europe AG

  GD300HTY120C7S Datasheet HTML 1Page - StarPower Europe AG GD300HTY120C7S Datasheet HTML 2Page - StarPower Europe AG GD300HTY120C7S Datasheet HTML 3Page - StarPower Europe AG GD300HTY120C7S Datasheet HTML 4Page - StarPower Europe AG GD300HTY120C7S Datasheet HTML 5Page - StarPower Europe AG GD300HTY120C7S Datasheet HTML 6Page - StarPower Europe AG GD300HTY120C7S Datasheet HTML 7Page - StarPower Europe AG GD300HTY120C7S Datasheet HTML 8Page - StarPower Europe AG GD300HTY120C7S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GD300HTY120C7S
IGBT Module
©2016 STARPOWER Semiconductor Ltd.
1/19/2016
4/9
SN0A
Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=300A,VGE=0V,Tj=25
oC
1.82
2.25
V
IF=300A,VGE=0V,Tj=125
oC
1.95
IF=300A,VGE=0V,Tj=150
oC
2.00
Qr
Recovered Charge
VCC=600V,IF=300A,
-di/dt=7300A/
μs,V
GE=-15V,
Tj=25
oC
29.5
μC
IRM
Peak Reverse
Recovery Current
210
A
Erec
Reverse Recovery
Energy
14.4
mJ
Qr
Recovered Charge
VCC=600V,IF=300A,
-di/dt=7300A/
μs,V
GE=-15V,
Tj=125
oC
42.3
μC
IRM
Peak Reverse
Recovery Current
272
A
Erec
Reverse Recovery
Energy
20.4
mJ
Qr
Recovered Charge
VCC=600V,IF=300A,
-di/dt=7300A/
μs,V
GE=-15V,
Tj=150
oC
44.6
μC
IRM
Peak Reverse
Recovery Current
298
A
Erec
Reverse Recovery
Energy
22.5
mJ
NTC Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R25
Rated Resistance
5.0
k
Ω
∆R/R
Deviation of R100
TC=100
oC,R
100
=493.3Ω
-5
5
%
P25
Power
Dissipation
20.0
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-
1/(298.15K))]
3375
K
B25/80
B-value
R2=R25exp[B25/80(1/T2-
1/(298.15K))]
3411
K
B25/100
B-value
R2=R25exp[B25/100(1/T2-
1/(298.15K))]
3433
K
Module Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
LCE
Stray Inductance
20
nH
RCC’+EE’
Module Lead Resistance, Terminal to Chip
1.10
m
Ω
RthJC
Junction-to-Case (per IGBT)
Junction-to-Case (per Diode)
0.093
0.155
K/W
RthCH
Case-to-Heatsink (per IGBT)
Case-to-Heatsink (per Diode)
Case-to-Heatsink (per Module)
0.048
0.080
0.005
K/W
M
Terminal Connection Torque, Screw M6
Mounting Torque, Screw M5
3.0
3.0
6.0
6.0
N.m
G
Weight of Module
910
g



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com