công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150B bảng dữ liệu(PDF) 49 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150B
Giải thích chi tiết về linh kiện  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150B bảng dữ liệu(HTML) 49 Page - Pericom Semiconductor Corporation

Back Button PI7C8150B Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 53Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 49 of 108
APRIL 2006 – Revision 2.02
5. Posted write transactions must be given opportunities to pass delayed read and write
requests and completions. Otherwise, deadlocks may occur when some bridges which
support delayed transactions and other bridges which do not support delayed transactions
are being used in the same system. A fairness algorithm is used to arbitrate between the
posted write queue and the delayed transaction queue.
5.4
DATA SYNCHRONIZATION
Data synchronization refers to the relationship between interrupt signaling and data
delivery. The PCI Local Bus Specification, Revision 2.3, provides the following alternative
methods for synchronizing data and interrupts:
The device signaling the interrupt performs a read of the data just written (software).
The device driver performs a read operation to any register in the interrupting device
before accessing data written by the device (software).
System hardware guarantees that write buffers are flushed before interrupts are
forwarded.
PI7C8150B does not have a hardware mechanism to guarantee data synchronization for
posted write transactions. Therefore, all posted write transactions must be followed by a
read operation, either from the device to the location just written (or some other location
along the same path), or from the device driver to one of the device registers.
6
ERROR HANDLING
PI7C8150B checks, forwards, and generates parity on both the primary and secondary
interfaces. To maintain transparency, PI7C8150B always tries to forward the existing
parity condition on one bus to the other bus, along with address and data. PI7C8150B
always attempts to be transparent when reporting errors, but this is not always possible,
given the presence of posted data and delayed transactions.
To support error reporting on the PCI bus, PI7C8150B implements the following:
PERR_L and SERR_L signals on both the primary and secondary interfaces
Primary status and secondary status registers
The device-specific P_SERR_L event disable register
This chapter provides detailed information about how PI7C8150B handles errors.
It also describes error status reporting and error operation disabling.
6.1
ADDRESS PARITY ERRORS
PI7C8150B checks address parity for all transactions on both buses, for all address and all
bus commands. When PI7C8150B detects an address parity error on the primary interface,
the following events occur:
06-0044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com