công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVC573PW bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện 74ALVC573PW
Giải thích chi tiết về linh kiện  Octal D-type transparent latch; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC573PW bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC573PW Datasheet HTML 3Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 9Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 10Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74ALVC573_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 26 October 2007
7 of 17
NXP Semiconductors
74ALVC573
Octal D-type transparent latch; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
10. Dynamic characteristics
IOZ
OFF-state output current
VI =VIH or VIL; VCC = 1.65 V to 3.6 V;
VO = 3.6 V or GND;
-
±0.1
±10
µA
IOFF
power-off leakage supply
VCC = 0 V; VI or VO = 0 V to 3.6 V
-
±0.1
±10
µA
ICC
supply current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-
0.2
10
µA
∆ICC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V;
VI =VCC − 0.6 V; IO =0A
-
5
750
µA
CI
input capacitance
-
3.5
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 12.
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
tpd
propagation delay
Dn to Qn; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
2.5
5.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.0
3.5
ns
VCC = 2.7 V
1.0
2.3
3.6
ns
VCC = 3.0 V to 3.6 V
1.0
2.2
3.3
ns
LE to Qn; see Figure 9
VCC = 1.65 V to 1.95 V
1.0
2.8
6.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.1
3.8
ns
VCC = 2.7 V
1.0
2.4
3.7
ns
VCC = 3.0 V to 3.6 V
1.0
2.3
3.3
ns
ten
enable time
OE to Qn; see Figure 10
[2]
VCC = 1.65 V to 1.95 V
1.5
3.0
6.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
4.5
ns
VCC = 2.7 V
1.5
3.0
4.6
ns
VCC = 3.0 V to 3.6 V
1.0
2.3
4.0
ns
tdis
disable time
OE to Qn; see Figure 10
[2]
VCC = 1.65 V to 1.95 V
1.5
3.4
7.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.2
4.4
ns
VCC = 2.7 V
1.5
2.8
4.4
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
4.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com