công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E910.80 bảng dữ liệu(PDF) 1 Page - ELMOS Semiconductor AG

tên linh kiện E910.80
Giải thích chi tiết về linh kiện  Bus controlled steppermotor driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELMOS [ELMOS Semiconductor AG]
Trang chủ  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.80 bảng dữ liệu(HTML) 1 Page - ELMOS Semiconductor AG

  E910.80 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
42
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
43
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
Fan control
EC motor control
ÿ Steppermotor driver
ÿ Bus controlled steppermotor driver
system evaluation chip
E910.80
FEATURES
ÿ Supply voltage range 9V to 16V
ÿ Stalled recognition without additional shunts
ÿ Two H-bridges which drive directly a stepper motor
ÿ Drives 200mA per coil
ÿ K-Bus controlled
ÿ Slope controlled bus interface
ÿ Self adjusting oscillator
ÿ Bus concept not sensitive to disturbances
ÿ LabView™ programm using RS232 for
testapplications is available.
ÿ –40°C to +85 ºC operating temperature
ÿ SO16w package
APPLICATION
ÿ Automotive electronics
ÿ Climate controllers
ÿ Positioning and moving applications
DESCRIPTION
The IC is developed for automotive applications. The stepper mo-
tor driver is optimized to drive SAIA stepper motors, but is also
verified with several bipolar stepper motors in the market. A
stalled detection is fully integrated and does not need a shunt
resistor. With a configuration bit it is possible to decide whether
to stop the movement or not in case of a stalled situation.
With the blocking recognition capability no additional end-
switches are needed, system noise is reduced, initialization is
faster and mechanical problems do not lead to problems in the
motor.
When up to 32 ASICs can be used on one bus; whereby the 5 bit
address of each chip is stored in EEPROM cells. The chip can pro-
gram itself when triggered with the suitable command.
The IC allows to give movement tasks with up to 4096 steps
in each direction. There is a one task stack which allows you to
change speed settings smoothly.
VBAT
AVDD1
AVDD2
A0
A1
B0
B1
control
int. Voltage
Regulator
ϑ -Protection
Address - E²
K-BUS
n.c.
n.c.
slew-
rate Ctrl
VDD
CVDD
BGVDD
100nF
TMDD
M
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
BUS
AVDD1
n.c.
n.c.
n.c.
n.c.
B0
A1
GND
CVDD
BGVDD
AVDD2
TMOD
VDD
B1
Pin Name
Description
1
A0
Motor driver coil A side 0
2
BUS
Bidirectional bus-line
3
AVDD1
Supply voltage
4
NC
Not connected
5
NC
Not connected
6
NC
Not connected
7
NC
Not connected
8
B0
Motor driver coil B side 0
9
B1
Motor driver coil B side 1
10
VDD
Internal digital supply
11
TMOD
Testpin ( connect to GND)
12
AVDD2
Supply voltage, to be externally connected to pin 3
13
BGVDD
Internal preregulator may be
connected to an ext. capacitor
14
CVDD
Internal analog supply (no exterenal
connections needed)
15
GND
Ground
16
A1
Motor driver coil A side 1
AVAILABILITY
Samples
available
Series
tbd.


Số phần tương tự - E910.80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
E910.01 ELMOS-E910.01_11 Datasheet
668Kb / 17P
Low side dri ver (8 channel , serial inter face )
E910.02 ELMOS-E910.02 Datasheet
122Kb / 1P
Analog multiplexer 8:1
E910.05 ELMOS-E910.05 Datasheet
141Kb / 1P
K-Bus transceiver
E910.15 ELMOS-E910.15 Datasheet
105Kb / 1P
LIN- / K-Bus transceiver
More results

Mô tả tương tự - E910.80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10192 ONSEMI-MC10192 Datasheet
102Kb / 4P
Quad Bus Driver
1996 REV 5
logo
STMicroelectronics
TEA6422 STMICROELECTRONICS-TEA6422 Datasheet
168Kb / 10P
BUS-CONTROLLED AUDIO MATRIX
Sep-2003
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
BUS DRIVER / RECEIVER
logo
ON Semiconductor
MC10192 ONSEMI-MC10192_02 Datasheet
86Kb / 4P
Quad Bus Driver
January, 2002 ??Rev. 7
NCV7381 ONSEMI-NCV7381 Datasheet
225Kb / 23P
FlexRay Bus Driver
May, 2012 ??Rev. 0
NCV7383 ONSEMI-NCV7383 Datasheet
225Kb / 21P
FlexRay Bus Driver
September, 2013 ??Rev. 0
NCV7381 ONSEMI-NCV7381_14 Datasheet
165Kb / 23P
FlexRay Bus Driver
May, 2014 ??Rev. 2
NCV7381 ONSEMI-NCV7381_16 Datasheet
172Kb / 23P
FlexRay Bus Driver
July, 2016 ??Rev. 3
logo
Curtis Electromusic.
CEM5570 CES-CEM5570 Datasheet
462Kb / 14P
BUS CONTROLLED SIGNAL PROCESSOR
logo
ON Semiconductor
LV52511MNZ ONSEMI-LV52511MNZ Datasheet
533Kb / 21P
Linear LED Driver, 24-Channel, Bus Controlled
October, 2019 ??Rev. 1
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com