công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9541 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện PCA9541
Giải thích chi tiết về linh kiện  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 9Page - NXP Semiconductors PCA9541 Datasheet HTML 10Page - NXP Semiconductors PCA9541 Datasheet HTML 11Page - NXP Semiconductors PCA9541 Datasheet HTML 12Page - NXP Semiconductors PCA9541 Datasheet HTML 13Page - NXP Semiconductors PCA9541 Datasheet HTML 14Page - NXP Semiconductors PCA9541 Datasheet HTML 15Page - NXP Semiconductors PCA9541 Datasheet HTML 16Page - NXP Semiconductors PCA9541 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
PCA9541_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 1 October 2007
13 of 43
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
Table 12 describes which command needs to be written to the Control Register when a
master device wants to take control of the I2C-bus. Byte written to the Control Register is a
function of the current I2C-bus control status performed after an initial reading of the
Control Register.
Current status of the I2C-bus is determined by the bits MYBUS, NMYBUS, BUSON and
NBUSON is one of the following:
• The master reading its Control Register does not have control and the I2C-bus is off.
• The master reading its Control Register does not have control and the I2C-bus is on.
• The master reading its Control Register has control and the I2C-bus is off.
• The master reading its Control Register has control and the I2C-bus is on.
‘I2C-bus off’ means that upstream and downstream channels are not connected together.
‘I2C-bus on’ means that upstream and downstream channels are connected together.
Remark: Only the 4 LSBs of the Control Register are described in Table 12 since only
those bits control the I2C-bus control. The logic value for the 4 MSBs is specific to the
application and are not discussed in the table.
The read sequence is performed by the master as:
S - 111xxxx0 - 000x0001 - Sr - 111xxxx1 - DataRead - P
The write sequence is performed by the master as:
S - 111xxxx0 - 000x0001 - DataWritten - P
Table 11.
Default Control Register values
Type version Master
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NTESTON TESTON
not used
BUSINIT
NBUSON
BUSON
NMYBUS
MYBUS
PCA9541/01
MST_0
00000100
MST_1
00001010
PCA9541/02
at power-up
MST_0
00000000
MST_1
00000010
PCA9541/02
after STOP
MST_0
00000100
MST_1
00001010
PCA9541/03
MST_0
00000000
MST_1
00000010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43