| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PEX8624 bảng dữ liệu(PDF) 3 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8624 bảng dữ liệu(HTML) 3 Page - PLX Technology |
|
3 / 4 page ![]() Preliminary - PLX Confidential CPU CPU CPU CPU CPU CPU CPU CPU PEX 8624 PEX 8624 PEX 8624 PEX 8624 x8 x4 Memory Memory Memory Memory x4 x4 x16 x16 x4 Endpoint Endpoint Endpoint Endpoint Chipset Chipset Chipset Chipset Endpoint Endpoint Endpoint Endpoint PCIe Gen1 or PCIe Gen2 slots Figure 3. Fan-in/out Usage Advanced Mezzanine Cards The PEX 8624’s fan-out capabilities can be utilized on Advanced Mezzanine Cards (AMC) for I/O expansion. In the example shown below in Figure 4, the PEX 8624 is used on a Quad-Port Network Interface Card (NIC) in an AMC form factor. The PEX 8624 uses a x8 upstream link to the host and four x4 downstream links to to fan- out to the four MAC/PHY controllers. 10GE 10GE 10GE 10GE x8 x4 x4 MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY MAC/PHY x4 x4 PEX 8624 PEX 8624 PEX 8624 PEX 8624 Figure 4. Quad-Port 10GE NIC AMC Embedded Systems The PEX 8624 is well suited for embedded applications as well. Embedded applications, like the example shown in Figure 5, commonly use a number of independent modules for functions such as control plane processing, data acquisition, or image processing to name a few possibilities. Figure 5 represents a bladed embedded system utilizing a PEX 8624 to fan-out to the I/O Modules. The PEX 8624’s NT port isolates the processors on the two switch fabrics. I/O Blades Switch Fabric Backplane PEX 8624 PEX 8624 PEX 8624 PEX 8624 NT Figure 5. Bladed Embedded System Failover Storage Systems with Dual Cast The PEX 8624’s Dual Cast feature proves to be very useful in storage systems. In the example shown in Figure 6, the Dual Cast feature enables the PEX 8624 to copy data coming from the host to two downstream ports (see yellow traffic patterns) in one transaction as opposed to having to execute two separate transactions to send data to the redundant chassis. By offloading the task of backing up data onto the secondary system, processor and system performance is enhanced. The PEX 8624’s NT port is used to isolate the backup system from the primary system. x8 CPU CPU CPU CPU CPU CPU CPU CPU Memory Memory Memory Memory Chipset Chipset Chipset Chipset CPU CPU CPU CPU CPU CPU CPU CPU PEX 8624 PEX 8624 PEX 8624 PEX 8624 x8 PEX 8624 PEX 8624 PEX 8624 PEX 8624 NT Memory Memory Memory Memory Chipset Chipset Chipset Chipset 8 Disk Chassis PEX 8616 PEX 8616 PEX 8616 PEX 8616 8 Disk Chassis FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control FC Control NT PEX 8616 PEX 8616 NT PEX 8616 PEX 8616 PEX 8616 PEX 8616 NT x8 x4 x4 x4 x4 x4 x4 x4 x4 Backup System Figure 6. Dual Cast in Storage Systems |