| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PEX8547 bảng dữ liệu(PDF) 3 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8547 bảng dữ liệu(HTML) 3 Page - PLX Technology |
|
3 / 3 page ![]() PLX Confidential Development Tools PLX is offering hardware and software tools (PEX 8547 RDK) to enable rapid customer design activity. These tools are bundled in a Rapid Development Kit (RDK). The RDK consists of hardware, hardware documentation and a Software Development Kit (SDK). Figure 3. PEX 8547 RDK The PEX 8547 RDK board can be installed on a motherboard or used as a riser card. The PEX 8547 RDK can be used to test and validate customer software. Additionally, it can be used as an evaluation vehicle for PEX 8547 features and benefits. The PEX 8547 RDK features three x16 ports (one upstream, two downstream). SDK The SDK tool set includes: - GUI to use and configure the device - Linux and Windows drivers - C/C++ Source code, Objects, libraries - User’s Guides, Application examples, Tutorials Windows/Linux Apps PEX API PCIe Driver PnP Driver PCI Express Interface Kernel Space User Space Hardware Windows/Linux Apps PEX API PCIe Driver PnP Driver PCI Express Interface Kernel Space User Space Hardware PLX Technology, Inc. 870 Maude Ave. Sunnyvale, CA 94085 USA Tel: 1-800-759-3735 Tel: 1-408-774-9060 Fax: 1-408-774-2169 Email: info@plxtech.com Web Site: www.plxtech.com © 2007 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology, Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification. PEX8547-SIL-PB-P1-1.4 04/07 Product Ordering Information Part Number Description PEX 8547-AA25BC G 48-Lane, 3-Port PCI Express Switch, Pb-Free PEX 8547-AA RDK PEX 8547 Rapid Development Kit w/ x16 Edge Connector Breakout Board-88 Breakout Board w/ x16 Edge Connector for additional fan-out to two slots (x8, x8) Breakout Board-844 Breakout Board w/ x16 Edge Connector for additional fan-out to three slots (x8, x4, x4) Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for sampling. HD Power Connector Port 0 – x16 PERST# (Upstream Port) PORT 8 – X16 PORT 12 – X16 Manual Reset RefClk EEPROM EEPROM EEPROM EEPROM PEX 8547 PEX 8547 PEX 8547 PEX 8547 Port 8 Status LED Port 8 Status LED I2C I2C I2C I2C DIP Switch for Config DIP Switch for Config JTAG JTAG JTAG JTAG Port 12 Status LED Port 12 Status LED Port 0 Status LED Port 0 Status LED |