công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT141X bảng dữ liệu(PDF) 1 Page - Microtune,Inc

tên linh kiện MT141X
Giải thích chi tiết về linh kiện  RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROTUNE [Microtune,Inc]
Trang chủ  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT141X bảng dữ liệu(HTML) 1 Page - Microtune,Inc

  MT141X Datasheet HTML 1Page - Microtune,Inc MT141X Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RF SILICON AND SYSTEMS SOLUTIONS
FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
M I C R O T U N E
MT141X AM/FM ANTENNA
AMPLIFIER SERIES
PRODUCT BRIEF
The MT141X modules are optimized to
work with in-glass antennas. The
amplifiers are customized to meet the
specific housing, connector and
electrical matching requirements of
varied car platforms that deploy
different antennas, radios, and
mechanics.
APPLICATIONS
• Car radio applications
• Automotive in-glass-antenna
systems with or without
diversity
AM FEATURES
• World standard frequency
range: 150 kHz to 6290 kHz
• Very high input impedance
• Very low input capacitance
• Low output impedance
• Low IM2 distortion
• Input protection
FM FEATURES
• World standard frequency
range: 76 MHz to 108 MHz
• Integrated AGC circuit
• Low IM3 distortion
• Low noise figure
• Input protection
• Suitable for antenna diversity
applications
GENERAL FEATURES
• High performance voltage
stabilizer on board
• Reverse voltage protection
• Low power consumption
• High stability over temperature
• Optional phantom power
supply
• Customizable key parameters,
frequency range, housing, and
connectors
• Compact customized size of
around 13 cm2
• Meets automotive quality
standards
The Microtune MT141X AM/FM
antenna amplifiers are designed for
use in automobiles with state-of-the-
art in-glass antenna systems.
Since in-glass antennas need high
performance amplifiers to supply a
clean signal to the radio, the MT141X
modules are ideal for this demanding
environment. As most in-glass
antennas employ multiple FM
antennas, but use only one AM
antenna to add a diversity function for
FM, the MT141X amplifiers are
available in an AM/FM version and an
FM-only version.
They are engineered to deliver high
linearity and low noise, critical
features of an automotive AM/FM
receiving system. A low noise figure
enables high system sensitivity to
receive clear sound in rural areas,
while high linearity permits robust
performance in dense, urban signal
environments. The implemented AGC
circuit for FM provides additional
improvement of signal handling
capability.
The MT141X amplifiers also permit
designers to adjust key parameters,
including gain, AGC threshold, or
input/output impedance, providing the
flexibility to optimize performance and
integration of entire AM/FM receiver
system. Features such as phantom
power supply (power is supplied from
the car radio via the antenna cable)
are additionally offered as an option.
The power supply circuit includes
reverse voltage protection and the
antenna input provides ESD
protection. The amplifiers support the
frequency ranges of Japan, Europe
and the United States.
MT141X AM/FM Antenna Amplifier Module


Số phần tương tự - MT141X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Marktech Corporate
MT140-G MARKTECH-MT140-G Datasheet
46Kb / 1P
T-1 3/4 LED LAMPS WITH STANDOFFS
MT140-G MARKTECH-MT140-G Datasheet
86Kb / 1P
Excellent on/off contrast ratio
MT140-HLG MARKTECH-MT140-HLG Datasheet
39Kb / 1P
HARD LEAD T-1 3/4 LED LAMPS
MT140-HLO MARKTECH-MT140-HLO Datasheet
39Kb / 1P
HARD LEAD T-1 3/4 LED LAMPS
MT140-HLR MARKTECH-MT140-HLR Datasheet
39Kb / 1P
HARD LEAD T-1 3/4 LED LAMPS
More results

Mô tả tương tự - MT141X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microtune,Inc
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
MT1560 MICROTUNE-MT1560 Datasheet
105Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
MT2022 MICROTUNE-MT2022 Datasheet
126Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2050 MICROTUNE-MT2050 Datasheet
83Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com