| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
36039-0000-R2-2 bảng dữ liệu(PDF) 3 Page - Kontron |
|
|
|||||||||||||||||||||||||||||
36039-0000-R2-2 bảng dữ liệu(HTML) 3 Page - Kontron |
|
3 / 4 page ![]() 3 www.kontron.com 3 www.kontron.com COMe-cAS6 (E2) Block Diagram CPU Variants PROCESSOR NUMBER TDP W CORES EUS BASE FREQ GHZ 1C TURBO FREQ GHZ TJUNCTION MIN °C TJUNCTION MAX °C ECC USE CONDITION X7211E 6 2 16 1,0 3,2 0 105 No Embedded X7213E 10 2 16 1,7 3,2 0 105 No Embedded X7425E 12 4 24 1,5 3,4 0 105 No Embedded X7211RE 6 2 16 1,0 3,2 -40 105 Yes–In Band Embedded/ Industrial* X7213RE 9 2 16 2,0 3,4 -40 105 Yes–In Band Embedded/ Industrial* X7433RE 9 4 32 1,5 3,4 -40 105 Yes–In Band Embedded/ Industrial* X7835RE 12 8 32 1,3 3,6 -40 105 Yes–In Band Embedded/ Industrial* N50 6 2 16 1,0 3,4 0 105 No PC Client N97 12 4 24 2,0 3,6 0 105 No PC Client N200 6 4 32 1,0 3,7 0 105 No PC Client I3-N305 9/15 8 32 1,0/1,8 3,8 0 105 No PC Client *For Industrial use condition turbo needs to be disabled PCIe #2,3 PCIe #4,5 LPC (eSPI) Sound Wire CAN eSPI PCIe #0,1 HDA VGA USBSS #1 (USB 3.2 Gen2) eDP PCIe DDR5 4800 MT/s SODIMM USBSS #0 (USB 3.2 Gen2) eDP PwrCtrl SysMgmt eSPI SPI DP++ DDI2 SMB DP++ DDI1 LAN SATA0 SATA1 eMMC Intel Alder Lake N / Intel Amston Lake Series Connector Option Standard component eMMC PSC COM Express® connector CD – Pin-out Type 6 i226 PWM FAN1 I2C LID Sleep LVDS / eDP GPIO Embedded Controller CPU FAN0 Power sequencing Watchdog eSPI2I2C I2C EEPROM TCP 0, 1 SPI BIOS Flash GPIO Ctrl Mgmt GPIO eDP2LVDS COM Express® connector AB – Pin-out Type 6 USB #0-7 (USB 2.0) HSIO: #0,1 USB 2.0 TPM 2.0 HSIO #10,11 TPM USBSS #1-3 (USB 3.2 Gen2) USB Hub HSIO #6 HSIO: #8,9 2x UART SER0 SER1 DDI B DP2VGA UART HWM PSC PowerSeqCtrl eMMC eSPI2 LPC PCIe Switch Gen2 I2C FAN Ctrl HSIO: #2,3 2x MIPI CSI MIPI-CSI0 MIPI-CSI1 DP++ DDI3 DDI A CAN ctrl PCIe |