| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2000SBL bảng dữ liệu(PDF) 3 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
P2000SBL bảng dữ liệu(HTML) 3 Page - Littelfuse |
|
3 / 52 page ![]() *DV3ODVPD $UUHVWHUV³3DFNDJH 'LPHQVLRQV6SHFLILFDWLRQV Telecom Design Guide • © 2006 Littelfuse, Inc. 9 - 3 www.littelfuse.com *DV 3ODVPD $UUHVWHUV³3DFNDJH 'LPHQVLRQV6SHFLILFDWLRQV The following illustrations show package dimensions and mechanical specifications for each of the gas plasma arresters. SL1122A Series The SL1122A series device weighs 2.7 grams (0.095 ounces). Body material is ceramic. The electrode base is made of nickel iron alloy, and the electrode plating material is bright Sn. Each device is marked with an LF logo, voltage, and date code. SL0902A Series The SL0902A series device weighs 0.33 grams (0.011 ounces). Body material is ceramic. The electrode base is made of copper alloy, and the electrode plating material is bright Sn. Each device is marked with an LF logo, voltage, and date code. 0. 196 ±0.007 (5.0 ±0. 2) Recommended Pad Layout Dimensions are in inches (and millimeters). 0. 196 ±0.007 (5.0 ±0. 2) 0. 196 ±0.007 (5.0 ±0. 2) SL0902AxxxSM GDT Seating Plane for SL0902AxxxSM 0. 180 (4.50) 0. 204 (5. 10) 0.0 279 (0.70) |