| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2000SAL bảng dữ liệu(PDF) 6 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
P2000SAL bảng dữ liệu(HTML) 6 Page - Littelfuse |
|
6 / 52 page ![]() www.littelfuse.com 9 - 6 © 2006 Littelfuse, Inc. • Telecom Design Guide *DV3ODVPD$UUHVWHUV³3DFNDJH'LPHQVLRQV6SHFLILFDWLRQV SL1024A and SL1024BSeries The SL1024A series device and the SL1024B series device weigh 2.7 grams (0.095 ounces). Body material is ceramic. The electrode base is made of nickel iron alloy, and the electrode plating material is bright Sn. Each device is marked with an LF logo, voltage, and date code in red. 0.4 1 ±0.019 ( 10.5 ±0.5) Dimensions are in inches (and millimeters). 0.3 15 ±0.01 (8 ±0.3) Standard Core (C) 0.4 1 ±0.019 ( 10.5 ±0.5) 0.3 15 ±0.01 (8 ±0.3) 4.4 Leg Pitch (R) ø 0.039 ( 1.0) 0. 173 (4.4) 0. 173 (4.4) 0. 276 (7.0) TYP 0.4 1 ±0.019 ( 10.5 ±0.5) 0.3 15 ±0.01 (8 ±0.3) With Wrap Failsafe (RF/RS) ø 0.039 ( 1.0) 0. 173 (4.4) 0. 173 (4.4) 0.374 MAX (9.5 MAX) 0.3 15 ±0.008 (8 ±0. 2) ø 0.039 ±0.008 ( 1.0 ±0.2) 0. 276 (7.0) TYP |