công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8580_07 bảng dữ liệu(PDF) 6 Page - Wolfson Microelectronics plc

tên linh kiện WM8580_07
Giải thích chi tiết về linh kiện  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580_07 bảng dữ liệu(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8580_07_12 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8580_07_12 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8580_07_12 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8580_07_12 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8580_07_12 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8580_07_12 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8580_07_12 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8580_07_12 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8580_07_12 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
6
PIN
NAME
TYPE
DESCRIPTION
47
VOUT3L
Analogue Output
DAC channel 3 left output
48
VOUT3R
Analogue Output
DAC channel 3 right output
Notes :
1.
Digital input pins have Schmitt trigger input buffers. Pins 32, 33, 34 are 5V tolerant.
2.
In hardware control mode, pin 30 is used for UNLOCK flag output.
3.
In hardware control mode, pin 31 is used for NON_AUDIO flag output.
MULTI-FUNCTION PINS
The WM8580 has 8 Multi-Function Input/Output pins (MFP1 etc.). The function and direction (input/output) of these pins
are configured using the HWMODE input pin and software register control as shown below. If HWMODE is set, the MFPs
have the function shown in column 1 of Table 1. If HWMODE is not set, and the register SAIF_EN is set, the MFPs have
the function shown in column 2. Otherwise, the GPOnOP registers determine the MFP function as shown in columns 3 and
4.
PIN NAME
HARDWARE
CONTROL MODE
FUNCTION
1
SECONDARY AUDIO
INTERFACE FUNCTION
2
S/PDIF INPUT &
INDEPENDENT
CLOCKING
3
GENERAL PURPOSE
OUTPUT FUNCTION
4
MFP1
PAIFTX_BCLK
n/a1
PAIFTX_BCLK2
GPO1
MFP2
ADCMCLK
n/a1
ADCMCLK3
GPO2
MFP3
DR1
n/a1
SPDIFIN2
GPO3
MFP4
DR2
n/a1
SPDIFIN3
GPO4
MFP5
DR3
n/a1
SPDIFIN4
GPO5
MFP6
DR4
SAIF_BCLK
GPO6
GPO6
MFP7
ALLPD
SAIF_LRCLK
GPO7
GPO7
MFP8
C
SAIF_DIN
GPO8
GPO8
MFP9
SFRM_CLK
SAIF_DOUT
GPO9
GPO9
MFP10
192BLK
n/a1
GPO10
GPO10
Table 1 Multi-Function Pin Configuration
Notes:
1.
These pins are not used as part of the Secondary Audio Interface, so their function is that of either Column 3 or
Column 4.
2.
MFP1 usage can be described as follows:
IF (ADC_CLKSEL = MCLK) AND (PAIFTXMS_CLKSEL = MCLK) THEN
MFP1 = GPO1;
ELSE
MFP1 = PAIFTX_BCLK ; (default)
HWMODE = 1
GPIOnOP
SAIF_EN = 1
Y
Y
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com